Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM1068ACP Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADM1068ACP
Descripción Electrónicos  Super Sequencer??and Monitor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM1068ACP Datasheet(HTML) 5 Page - Analog Devices

  ADM1068ACP Datasheet HTML 1Page - Analog Devices ADM1068ACP Datasheet HTML 2Page - Analog Devices ADM1068ACP Datasheet HTML 3Page - Analog Devices ADM1068ACP Datasheet HTML 4Page - Analog Devices ADM1068ACP Datasheet HTML 5Page - Analog Devices ADM1068ACP Datasheet HTML 6Page - Analog Devices ADM1068ACP Datasheet HTML 7Page - Analog Devices ADM1068ACP Datasheet HTML 8Page - Analog Devices ADM1068ACP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Preliminary Technical Data
ADM1068
Rev. PrB | Page 5 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PROGRAMMABLE DRIVER OUTPUTS
High Voltage (Charge Pump) Mode (PDO1–6)
Output Impedance
500
kΩ
VOH
11
12.5
14
V
IOH = 0
10.5
12
13.5
V
IOH = 1 µA
IOUTAVG
20
µA
2 V < VOH < 7 V
Standard (Digital Output) Mode (PDO1–8)
VOH
2.4
V
VPU (pull-up to VDDCAP or VPN) = 2.7 V, IOH = 0.5 mA
4.5
V
VPU to Vpn = 6.0 V, IOH = 0 mA
VPU − 0.3
V
VPU ≤ 2.7 V, IOH = 0.5 mA
VOL
0
0.50
V
IOL = 20 mA
IOL2
20
mA
Maximum sink current per PDO pin
ISINK2
60
mA
Maximum total sink for all PDOs
RPULL-UP
20
kΩ
Internal pull-up
ISOURCE (VPn)2
2
mA
Current load on any VPn pull- ups, that is, total
source current available through any number of
PDO pull-up switches configured onto any one
Three-State Output Leakage Current
10
µA
VPDO = 14.4 V
Oscillator Frequency
90
100
110
kHz
All on-chip time delays derived from this clock
DIGITAL INPUTS (VXn, A0, A1)
Input High Voltage, VIH
2.0
V
Maximum VIN = 5.5 V
Input Low Voltage, VIL
0.8
V
Maximum VIN = 5.5 V
Input High Current, IIH
−1
µA
VIN = 5.5 V
Input Low Current, IIL
1
µA
VIN = 0
Input Capacitance
5
pF
Programmable Pull-Down Current,
IPULL-DOWN
20
µA
VDDCAP = 4.75, TA = 25°C, if known logic state is
required
SERIAL BUS DIGITAL INPUTS (SDA, SCL)
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.8
V
Output Low Voltage, VOL2
0.4
V
IOUT = −3.0 mA
SERIAL BUS TIMING
Clock Frequency, fSCLK
400
kHz
Bus Free Time, tBUF
4.7
µs
Start Setup Time, tSU;STA
4.7
µs
Start Hold Time, tHD;STA
4
µs
SCL Low Time, tLOW
4.7
µs
SCL High Time, tHIGH
4
µs
SCL, SDA Rise Time, tr
1000
µs
SCL, SDA Fall Time, tf
300
µs
Data Setup Time, tSU;DAT
250
ns
Data Hold Time, tHD;DAT
5
ns
Input Low Current, IIL
1
µA
VIN = 0
SEQUENCING ENGINE TIMING
State Change Time
10
µs
1 At least one of the VH, VP1–3 pins must be ≥3.0 V to maintain the device supply on VDDCAP.
2 Specification is not production tested, but is supported by characterization data at initial product release.


Número de pieza similar - ADM1068ACP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
More results

Descripción similar - ADM1068ACP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1065 AD-ADM1065 Datasheet
664Kb / 28P
   Super Sequencer-TM and Monitor
REV. 0
ADM1168 AD-ADM1168 Datasheet
402Kb / 28P
   Super Sequencer and Monitor with Nonvolatile Fault Recording
REV. 0
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
   PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
   PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com