Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMT8504 Datasheet(PDF) 7 Page - ANADIGICS, Inc

No. de pieza AMT8504
Descripción Electrónicos  1.25 Gb/s Integrated 850nm MSM-TIA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANADIGICS [ANADIGICS, Inc]
Página de inicio  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8504 Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button AMT8504 Datasheet HTML 3Page - ANADIGICS, Inc AMT8504 Datasheet HTML 4Page - ANADIGICS, Inc AMT8504 Datasheet HTML 5Page - ANADIGICS, Inc AMT8504 Datasheet HTML 6Page - ANADIGICS, Inc AMT8504 Datasheet HTML 7Page - ANADIGICS, Inc AMT8504 Datasheet HTML 8Page - ANADIGICS, Inc AMT8504 Datasheet HTML 9Page - ANADIGICS, Inc AMT8504 Datasheet HTML 10Page - ANADIGICS, Inc AMT8504 Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
AMT8504
PRELIMINARY DATA SHEET - Rev 1
07-01
Figure 13: Application Schematic
C
F is an optional single pole noise capacitor
f
c is the desired cutoff frequency
R = 50 W
R
O is required with high input resistance limiting amplifiers
R
O = 100 W
fcR
CF
π
=
2
1
LIMITING
AMPLIFIER
Charge
Pump
AGC
OUT
OUT
V DD
4
2
1
3
0.1uF
0.1uF
C
F
R
O
0.1uF
7.5 GHz
OSC
APPLICATION INFORMATION


Número de pieza similar - AMT8504

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ANADIGICS, Inc
AMT8100 ANADIGICS-AMT8100 Datasheet
457Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8100T46L ANADIGICS-AMT8100T46L Datasheet
457Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
AMT8210T46L4 ANADIGICS-AMT8210T46L4 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
AMT8210T46L5 ANADIGICS-AMT8210T46L5 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
More results

Descripción similar - AMT8504

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ANADIGICS, Inc
AMT8304 ANADIGICS-AMT8304 Datasheet
472Kb / 12P
   2.125 Gb/s Integrated 850nm MSM-TIA
AMT128503 ANADIGICS-AMT128503 Datasheet
634Kb / 12P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8301 ANADIGICS-AMT8301 Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8100 ANADIGICS-AMT8100 Datasheet
457Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8302 ANADIGICS-AMT8302 Datasheet
260Kb / 8P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT128502A ANADIGICS-AMT128502A Datasheet
369Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
logo
Unity Opto Technology
MCD-8T4C-313 UOT-MCD-8T4C-313 Datasheet
84Kb / 2P
   1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
MCD-8T4C-323 UOT-MCD-8T4C-323 Datasheet
84Kb / 2P
   1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
logo
ANADIGICS, Inc
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com