Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ND101 Datasheet(PDF) 1 Page - AUK corp

No. de pieza ND101
Descripción Electrónicos  Antenna Switching Pin Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUK [AUK corp]
Página de inicio  https:www.auk.co.kr
Logo AUK - AUK corp

ND101 Datasheet(HTML) 1 Page - AUK corp

  ND101 Datasheet HTML 1Page - AUK corp ND101 Datasheet HTML 2Page - AUK corp ND101 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KSD-D6E006-000
1
ND101
Antenna Switching Pin Diode
Features
• Low capacitance : Max.0.4pF
• Low series resistance : rs= 1.0Ω(Typ.)@IF=10mA
• UHF/VHF Band RF Switch Applications
Ordering Information
Type No.
Marking
Package Code
ND101
E
SOD-923
Outline Dimensions
unit : mm
0
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1. Anode
2. Cathode
1
2
0.90~1.10
0.75~0.85
0.05 Max.
0.36~0.42
0.36~0.43
1
2


Número de pieza similar - ND101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
ND101 KODENSHI-ND101 Datasheet
155Kb / 3P
   ND101
logo
PEAK Plastic & Metal Pr...
ND10101.408206 PEAK_Inc-ND10101.408206 Datasheet
201Kb / 2P
   ND10101.408206 REV.A
ND10101.408208 PEAK_Inc-ND10101.408208 Datasheet
206Kb / 2P
   ND10101.408208 REV.A
More results

Descripción similar - ND101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
SDP540Q AUK-SDP540Q Datasheet
181Kb / 3P
   Antenna Switching Pin Diode
logo
Renesas Technology Corp
RKP405KS RENESAS-RKP405KS Datasheet
69Kb / 5P
   Composite Pin Diode for Antenna Switching
RKP404KS RENESAS-RKP404KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP401KS RENESAS-RKP401KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP407KS RENESAS-RKP407KS Datasheet
74Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP412KS RENESAS-RKP412KS Datasheet
48Kb / 5P
   Composite Pin Diode for Antenna Switching
RKP415KS RENESAS-RKP415KS Datasheet
114Kb / 7P
   Composite Pin Diode for Antenna Switching
Nov 27, 2008
RKP406KS RENESAS-RKP406KS Datasheet
74Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP410KS RENESAS-RKP410KS Datasheet
76Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP414KS RENESAS-RKP414KS Datasheet
92Kb / 6P
   Composite Pin Diode for Antenna Switching
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com