Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SL431B Datasheet(PDF) 3 Page - AUK corp

No. de Pieza. SL431B
Descripción  Programmable Voltage Reference
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AUK [AUK corp]
Página de inicio  https:www.auk.co.kr
Logo 

SL431B Datasheet(HTML) 3 Page - AUK corp

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KSD-I0A004-000
3
SL431x
1
ref
2
1
ref
KA
R
×
I
+
)
R
R
+
1
(
×
V
=
V
Note.
1. Ambient temperature range: TLOW = -40℃, THigh = 85℃
2. The deviation parameters △Vref and △Iref are defined as the difference between the maximum value and minimum value
obtained over the full operating ambient temperature range that applied.
The average temperature coefficient of the reference input voltage,
ref
V
α
is defined as:
T
)
10
×
)
25
=
T
(
V
V
(
=
)
ppm
(
V
α
a
6
a
ref
ref
ref
ref
V
α
can be positive or negative depending on whether Vref Min or Vref Max occurs at the lower ambient temperature, refer to
Fig. 8
Example : △Vref = 30mV and the slope is positive,
Vref @ 25℃ = 2.495V
Ta = 125℃
3. The dynamic impedance ZKA is defined as:
K
KA
KA
I
V
=
Ζ
When the device is operating with two external resistors, R1 and R2, (refer to Fig.2) the total dynamic impedance of the circuit
is given by:
)
R
R
+
1
(
×
Ζ
=
Ζ
2
1
KA
'
KA
Fig. 1 Test circuit for VKA=Vref
Fig. 2 Test circuit for VKA>Vref
Fig. 3 Test circuit for IK(off)
KA
Input
R1
R2
V
IK(off)
Iref
Vref
IK
KA
V
Input
IK
∆Vref = Vref Max – Vref Min
∆Ta = T2 – T1
Ambient Temperature
KA
V
Input
/
ppm
96
=
125
10
×
)
495
.
2
03
.
0
(
=
)
ppm
(
V
α
6
ref


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn