Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM2336-E Datasheet(PDF) 2 Page - AUK corp

No. de pieza SM2336-E
Descripción Electrónicos  High Brightness Chip LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUK [AUK corp]
Página de inicio  https:www.auk.co.kr
Logo AUK - AUK corp

SM2336-E Datasheet(HTML) 2 Page - AUK corp

  SM2336-E Datasheet HTML 1Page - AUK corp SM2336-E Datasheet HTML 2Page - AUK corp SM2336-E Datasheet HTML 3Page - AUK corp SM2336-E Datasheet HTML 4Page - AUK corp SM2336-E Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSD-O8V007-001
2
SM2336-E
Absolute Maximum Ratings
(Ta=25
oC)
Characteristic
Symbol
Rating
Unit
Power dissipation
PD
70
mW
Forward current
IF
30
mA
*1Peak forward current
IFP
50
mA
Reverse voltage
VR
5
V
Operating temperature range
Topr
-40∼100
Storage temperature range
Tstg
-40∼110
*2Soldering temperature
Tsol
240℃ for 10 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2. Recommended reflow soldering temperature profile
- Preheating 150℃ to 185℃ within 120 seconds soldering 240℃ within 10 seconds
Gradual cooling (Avoid quenching)
Electrical / Optical Characteristics
(Ta=25
oC)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward voltage
VF
IF= 20mA
1.95
-
2.4
V
*3Luminous intensity
IV
IF= 20mA
43
-
155
mcd
Dominant wavelength
λD
IF= 20mA
568
571
574
nm
Spectrum bandwidth
λ
IF= 20mA
-
30
-
nm
*4Half angle
θ1/2
IF= 20mA
-
±60
-
deg
max. 10sec
Temp (℃)
Time (sec)
185
150
240
Peak Temp max. 240℃
Preheating area
150~185℃, 90±30sec
max. 3℃/sec
25
Time from 25℃ to Peak Temperature max. 6min
Solder area
220℃, max. 60sec
max. 4℃/sec
max. -6℃/sec
240
180
150
60
0


Número de pieza similar - SM2336-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
SM2336-E KODENSHI-SM2336-E Datasheet
203Kb / 5P
   SMD LED
More results

Descripción similar - SM2336-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
SPG2336E-G AUK-SPG2336E-G Datasheet
264Kb / 5P
   High Brightness Chip LED
SW2336E-H AUK-SW2336E-H Datasheet
216Kb / 6P
   High Brightness Chip LED
SY2336-E AUK-SY2336-E Datasheet
206Kb / 5P
   High Brightness Chip LED
SA2336-D AUK-SA2336-D Datasheet
239Kb / 5P
   High Brightness Chip LED
SA2336-G AUK-SA2336-G Datasheet
239Kb / 5P
   High Brightness Chip LED
SY1216-C AUK-SY1216-C Datasheet
193Kb / 5P
   High Brightness Chip LED
SO2336-G AUK-SO2336-G Datasheet
206Kb / 5P
   High Brightness Chip LED
SSB2336E-G AUK-SSB2336E-G Datasheet
212Kb / 6P
   High Brightness Chip LED
SY1216-D AUK-SY1216-D Datasheet
193Kb / 5P
   High brightness Chip LED
SPG1316E-H AUK-SPG1316E-H Datasheet
215Kb / 5P
   High Brightness Chip LED
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com