Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS220-35M Datasheet(PDF) 1 Page - Central Semiconductor Corp

No. de pieza CS220-35M
Descripción Electrónicos  SILICON CONTROLLED RECTIFIER 35 AMP, 600 THRU 800 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CENTRAL [Central Semiconductor Corp]
Página de inicio  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CS220-35M Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CS220-35M Datasheet HTML 1Page - Central Semiconductor Corp CS220-35M Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS220-35M
CS220-35N
SILICON CONTROLLED RECTIFIER
35 AMP, 600 THRU 800 VOLTS
TO-220 CASE
Central
Semiconductor Corp.
TM
R1 (24-September 2004)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CS220-35M
series type is an Epoxy Molded Silicon Controlled
Rectifier designed for sensing circuit applications
and control systems.
MARKING CODE: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
CS220
CS220
-35M
-35N
UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
600
800
V
RMS On-State Current (TC=90°C)
IT(RMS)
35
A
Peak One Cycle Surge (t=10ms)
ITSM
350
A
I2t Value for Fusing (t=10ms)
I2t
600
A2s
Peak Gate Power (tp=10µs)
PGM
40
W
Average Gate Power Dissipation
PG (AV)
1.0
W
Peak Forward Gate Current (tp=10µs)
IFGM
4.0
A
Peak Forward Gate Voltage (tp=10µs)
VFGM
16
V
Peak Reverse Gate Voltage (tp=10µs)
VRGM
5.0
V
Critical Rate of Rise of On-State Current
di/dt
100
A/µs
Storage Temperature
Tstg
-40 to +150
°C
Junction Temperature
TJ
-40 to +125
°C
Thermal Resistance
ΘJA
60
°C/W
Thermal Resistance
ΘJC
1.3
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM, IRRM
Rated VDRM, VRRM
10
µA
IDRM, IRRM
Rated VDRM, VRRM, TC=125°C
4.0
mA
IGT
VD=12V, RL=10Ω
5.5
30
mA
IH
IT=100mA
15.8
40
mA
VGT
VD=12V, RL=10Ω
0.67
1.0
V
VTM
ITM=70A, tp=380µs
2.2
V
dv/dt
VD=2/3 VDRM, TC=125°C
250
V/µs


Número de pieza similar - CS220-35M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
CS220-10B CENTRAL-CS220-10B Datasheet
111Kb / 2P
   SILICON CONTROLLED RECTIFIER 10 AMP, 200 THRU 800 VOLTS
CS220-10B CENTRAL-CS220-10B Datasheet
369Kb / 2P
   SILICON CONTROLLED RECTIFIERS
CS220-10D CENTRAL-CS220-10D Datasheet
111Kb / 2P
   SILICON CONTROLLED RECTIFIER 10 AMP, 200 THRU 800 VOLTS
CS220-10D CENTRAL-CS220-10D Datasheet
369Kb / 2P
   SILICON CONTROLLED RECTIFIERS
CS220-10M CENTRAL-CS220-10M Datasheet
111Kb / 2P
   SILICON CONTROLLED RECTIFIER 10 AMP, 200 THRU 800 VOLTS
More results

Descripción similar - CS220-35M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
CSDD-8M CENTRAL-CSDD-8M Datasheet
74Kb / 2P
   SILICON CONTROLLED RECTIFIER 8.0 AMP, 600 THRU 800 VOLTS
CSDD-25M CENTRAL-CSDD-25M Datasheet
71Kb / 2P
   SILICON CONTROLLED RECTIFIER 25 AMP, 600 THRU 800 VOLTS
CS92-2M CENTRAL-CS92-2M Datasheet
73Kb / 2P
   SILICON CONTROLLED RECTIFIER 2.0 AMP, 600 THRU 800 VOLTS
CSDD-12M CENTRAL-CSDD-12M Datasheet
74Kb / 2P
   SILICON CONTROLLED RECTIFIER 12 AMP, 600 THRU 800 VOLTS
CSDD-16M CENTRAL-CSDD-16M Datasheet
73Kb / 2P
   SILICON CONTROLLED RECTIFIER 16 AMP, 600 THRU 800 VOLTS
CSDD-25M CENTRAL-CSDD-25M_10 Datasheet
404Kb / 2P
   SURFACE MOUNT SILICON CONTROLLED RECTIFIER 25 AMP, 600 THRU 800 VOLTS
CSD-4M CENTRAL-CSD-4M_10 Datasheet
480Kb / 2P
   SURFACE MOUNT SILICON CONTROLLED RECTIFIER 4 AMP, 600 THRU 800 VOLTS
CSDD-8M CENTRAL-CSDD-8M_10 Datasheet
404Kb / 2P
   SURFACE MOUNT SILICON CONTROLLED RECTIFIER 8 AMP, 600 THRU 800 VOLTS
CSDD-12M CENTRAL-CSDD-12M_10 Datasheet
404Kb / 2P
   SURFACE MOUNT SILICON CONTROLLED RECTIFIER 12 AMP, 600 THRU 800 VOLTS
CSD-8M CENTRAL-CSD-8M_10 Datasheet
475Kb / 2P
   SURFACE MOUNT SILICON CONTROLLED RECTIFIER 8 AMP, 600 THRU 800 VOLTS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com