Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N2369 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 2N2369
Descripción Electrónicos  NPN switching transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N2369 Datasheet(HTML) 2 Page - NXP Semiconductors

  2N2369 Datasheet HTML 1Page - NXP Semiconductors 2N2369 Datasheet HTML 2Page - NXP Semiconductors 2N2369 Datasheet HTML 3Page - NXP Semiconductors 2N2369 Datasheet HTML 4Page - NXP Semiconductors 2N2369 Datasheet HTML 5Page - NXP Semiconductors 2N2369 Datasheet HTML 6Page - NXP Semiconductors 2N2369 Datasheet HTML 7Page - NXP Semiconductors 2N2369 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Jun 20
2
Philips Semiconductors
Product specification
NPN switching transistor
2N2369
FEATURES
• Low current (max. 200 mA)
• Low voltage (max. 15 V).
APPLICATIONS
• High-speed switching
• VHF amplification.
DESCRIPTION
NPN switching transistor in a TO-18 metal package.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
collector, connected to case
Fig.1 Simplified outline (TO-18) and symbol.
handbook, halfpage
MAM264
1
3
2
3
1
2
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
40
V
VCEO
collector-emitter voltage
open base
15
V
IC
collector current (DC)
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
360
mW
hFE
DC current gain
IC = 10 mA; VCE =1V; Tj =25 °C
40
120
fT
transition frequency
IC = 10 mA; VCE = 10 V; f = 100 MHz
500
MHz
toff
turn-off time
ICon = 10 mA; IBon = 3 mA; IBoff = −1.5 mA
30
ns


Número de pieza similar - 2N2369

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
2N2369 MOTOROLA-2N2369 Datasheet
291Kb / 6P
   Switching Transistors
logo
STMicroelectronics
2N2369 STMICROELECTRONICS-2N2369 Datasheet
44Kb / 4P
   HIGH-FREQUENCY SATURATED SWITCH
January 1989
logo
Boca Semiconductor Corp...
2N2369 BOCA-2N2369 Datasheet
44Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Seme LAB
2N2369 SEME-LAB-2N2369 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO18 Metal Package.
logo
Continental Device Indi...
2N2369 CDIL-2N2369 Datasheet
219Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Descripción similar - 2N2369

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
   NPN Switching Transistor
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 23
BFX85 PHILIPS-BFX85 Datasheet
56Kb / 8P
   NPN switching transistor
1997 Apr 22
PMBT4401 PHILIPS-PMBT4401 Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 15
PMST3904 PHILIPS-PMST3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 22
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
2N3904 PHILIPS-2N3904_04 Datasheet
55Kb / 7P
   NPN switching transistor
2004 Oct 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com