Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N3553 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 2N3553
Descripción Electrónicos  Silicon planar epitaxial overlay transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N3553 Datasheet(HTML) 2 Page - NXP Semiconductors

  2N3553 Datasheet HTML 1Page - NXP Semiconductors 2N3553 Datasheet HTML 2Page - NXP Semiconductors 2N3553 Datasheet HTML 3Page - NXP Semiconductors 2N3553 Datasheet HTML 4Page - NXP Semiconductors 2N3553 Datasheet HTML 5Page - NXP Semiconductors 2N3553 Datasheet HTML 6Page - NXP Semiconductors 2N3553 Datasheet HTML 7Page - NXP Semiconductors 2N3553 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1995 Oct 27
2
Philips Semiconductors
Product specification
Silicon planar epitaxial
overlay transistor
2N3553
APPLICATIONS
• The 2N3553 is intended for use in VHF and UHF
transmitting applications.
DESCRIPTION
The device is a silicon NPN overlay transistor in a TO-39
metal package with the collector connected to the case.
PINNING - TO-39/3
PIN
DESCRIPTION
1
emitter
2
base
3
collector
Fig.1 Simplified outline.
handbook, halfpage
MBB199
1
2
3
QUICK REFERENCE DATA
RF performance
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VCEX
collector-emitter voltage
IC ≤ 200 mA; VBE = −1.5 V
65
V
VCEO
collector-emitter voltage
open base; IC ≤ 200 mA
40
V
ICM
peak collector current
1.0
A
Ptot
total power dissipation
up to Tmb =25 °C
7.0
W
Tj
junction temperature
200
°C
fT
transition frequency
IC = 125 mA; VCE = 28 V
500
f
(MHz)
VCE
(V)
Po
(W)
Gp
(dB)
η
(%)
175
28
2.5
>10
>50
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.


Número de pieza similar - 2N3553

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
2N3553 ETC1-2N3553 Datasheet
245Kb / 3P
   silicon transistors UHF/VHF power transistors
logo
Advanced Semiconductor
2N3553 ASI-2N3553 Datasheet
25Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Seme LAB
2N3553 SEME-LAB-2N3553 Datasheet
20Kb / 2P
   NPN SILICON HIGH
logo
New Jersey Semi-Conduct...
2N3553 NJSEMI-2N3553 Datasheet
157Kb / 1P
   VHF SILICON NPN POWER TRANSISTOR
2N3553 NJSEMI-2N3553 Datasheet
256Kb / 2P
   NPN SILICON POWER TRANSISTORS
More results

Descripción similar - 2N3553

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
2N3866 PHILIPS-2N3866 Datasheet
45Kb / 9P
   Silicon planar epitaxial overlay transistors
1995 Oct 27
logo
Galaxy Semi-Conductor H...
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
   Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
   Silicon Epitaxial Planar Transistor
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
   Silicon Epitaxial Planar Transistor
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
   Silicon Epitaxial Planar Transistor
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
   Silicon Epitaxial Planar Transistor
2SB709A_0712 BILIN-2SB709A_0712 Datasheet
190Kb / 4P
   Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com