Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6427 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 2N6427
Descripción Electrónicos  NPN Darlington transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N6427 Datasheet(HTML) 2 Page - NXP Semiconductors

  2N6427 Datasheet HTML 1Page - NXP Semiconductors 2N6427 Datasheet HTML 2Page - NXP Semiconductors 2N6427 Datasheet HTML 3Page - NXP Semiconductors 2N6427 Datasheet HTML 4Page - NXP Semiconductors 2N6427 Datasheet HTML 5Page - NXP Semiconductors 2N6427 Datasheet HTML 6Page - NXP Semiconductors 2N6427 Datasheet HTML 7Page - NXP Semiconductors 2N6427 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Jul 04
2
Philips Semiconductors
Product specification
NPN Darlington transistor
2N6427
FEATURES
• High current (max. 500 mA)
• Low voltage (max. 30 V)
• High DC current gain (min. 10000).
APPLICATIONS
• General purpose
• High gain amplification.
DESCRIPTION
NPN Darlington transistor in a TO-92; SOT54 plastic
package.
PINNING
PIN
DESCRIPTION
1
collector
2
base
3
emitter
Fig.1
Simplified outline (TO-92; SOT54)
and symbol.
handbook, halfpage
1
3
2
MAM252
TR2
2
1
3
TR1
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
40
V
VCES
collector-emitter voltage
VBE =0
30
V
IC
collector current
500
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
625
mW
hFE
DC current gain
IC = 10 mA; VCE = 5 V
10000
100000
fT
transition frequency
IC = 10 mA; VCE = 5 V; f = 100 MHz
125
MHz


Número de pieza similar - 2N6427

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N6427 ONSEMI-2N6427 Datasheet
153Kb / 6P
   Darlington Transistors(NPN Silicon)
February, 2001 ??Rev.1
logo
Samsung semiconductor
2N6427 SAMSUNG-2N6427 Datasheet
67Kb / 2P
   NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
2N6427 FAIRCHILD-2N6427 Datasheet
93Kb / 2P
   NPN Darlington Transistor
logo
ON Semiconductor
2N6427 ONSEMI-2N6427 Datasheet
111Kb / 8P
   Darlington Transistors
February, 2001 ??Rev.1
logo
Fairchild Semiconductor
2N6427 FAIRCHILD-2N6427 Datasheet
472Kb / 10P
   NPN Darlington Transistor
More results

Descripción similar - 2N6427

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
   NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
   NPN Darlington Transistor
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
   NPN (DARLINGTON TRANSISTOR)
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
   Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
   NPN Darlington Transistor
logo
NXP Semiconductors
BC517 PHILIPS-BC517 Datasheet
43Kb / 8P
   NPN Darlington transistor
1999 Apr 23
logo
Fairchild Semiconductor
TN6725A FAIRCHILD-TN6725A Datasheet
26Kb / 2P
   NPN Darlington Transistor
logo
First Components Intern...
BC618 FCI-BC618 Datasheet
73Kb / 5P
   NPN Darlington Transistor
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
   NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
   NPN Darlington Transistor
logo
Chenmko Enterprise Co. ...
CHBTA13PT CHENMKO-CHBTA13PT Datasheet
70Kb / 2P
   NPN Darlington Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com