Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPSMA11A Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza TPSMA11A
Descripción Electrónicos  Surface Mount Automotive Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TPSMA11A Datasheet(HTML) 1 Page - Vishay Siliconix

  TPSMA11A Datasheet HTML 1Page - Vishay Siliconix TPSMA11A Datasheet HTML 2Page - Vishay Siliconix TPSMA11A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPSMA6.8 thru TPSMA43A
Vishay Semiconductors
formerly General Semiconductor
Document Number 88405
www.vishay.com
06-May-02
1
Surface Mount Automotive
Transient Voltage Suppressors
Breakdown Voltage 6.8 to 43.0V
Peak Pulse Power 400W
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak power dissipation with a 10/1000
µs waveform(1)(2) (Fig. 3)
PPPM
Minimum 400
W
Peak power pulse current with a
10/1000
µs waveform(1) (Fig. 1)
IPPM
See Next Table
A
Peak forward surge current 8.3ms single half sine-wave(3)
IFSM
40
A
Maximum instantaneous forward voltage at 25A(3)
VF
3.5
V
Operating junction and storage temperature range
TJ, TSTG
–65 to +185
°C
Notes: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25°C per Fig. 2
(2) Mounted on P.C.B. with 0.2 x 0.2” (5.0 x 0.5mm) copper pads attached to each terminal
(3) Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minutes maximum
0.157 (3.99)
0.177 (4.50)
0.006 (0.152)
0.012 (0.305)
0.030 (0.76)
0.060 (1.52)
0.008 (0.203) MAX.
0.194 (4.93)
0.208 (5.28)
0.100 (2.54)
0.110 (2.79)
0.078 (1.98)
0.090 (2.29)
0.049 (1.25)
0.065 (1.65)
Cathode Band
Available in uni-directional only
DO-214AC (SMA)
Dimensions in inches
and (millimeters)
Patented*
Mechanical Data
Case: JEDEC DO-214AC molded plastic body over
passivated chip
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity: The color band denotes the cathode,
which is positive with respect to the anode under
normal TVS operation
Mounting Position: Any
Weight: 0.002 oz., 0.064 g
Packaging codes/options:
5A/7.5K per 13" Reel (12mm Tape), 90K/box
11/1.8K per 7" Reel (12mm Tape), 36K/box
0.060 MIN
(1.52 MIN)
0.050 MIN
(1.27 MIN)
0.220 REF
(5.58)
0.094 MAX
(2.38 MAX)
Mounting Pad Layout
*Patent #’s
4,980,315
5,166,769
5,278,094
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• Ideal for automated placement
• Low profile package
• Built-in strain relief
• Exclusive patented PAR® oxide passivated
chip construction
• 400W peak pulse power capability with a
10/1000ms waveform, repetition rate
(duty cycle): 0.01%
• Excellent clamping capability
• Low incremental surge resistance
• Very fast response time
• For devices with V(BR)
≥ 10V ID are typically
less than 1.0mA at TA = 150°C
• Designed for under the hood surface mount
applications
• High temperature soldering:
250°C/10 seconds at terminals


Número de pieza similar - TPSMA11A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TPSMA11A VISHAY-TPSMA11A Datasheet
99Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 20-Sep-07
TPSMA11A VISHAY-TPSMA11A Datasheet
100Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMA11A VISHAY-TPSMA11A Datasheet
81Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
logo
Shenzhen Taychipst Elec...
TPSMA11A TAYCHIPST-TPSMA11A Datasheet
13Mb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
TPSMA11A VISHAY-TPSMA11A Datasheet
88Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 17-Dec-12
More results

Descripción similar - TPSMA11A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SM8S VISHAY-SM8S Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
TPSMB43A VISHAY-TPSMB43A Datasheet
102Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 10-May-07
logo
Shanghai Shunye Electro...
SM5S36A SHUNYE-SM5S36A Datasheet
656Kb / 2P
   Surface Mount Automotive Transient Voltage Suppressors
SM8S10 SY-SM8S10 Datasheet
198Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
SM8S10ACA SUNMATE-SM8S10ACA Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Shunye Electro...
SM8S43 SHUNYE-SM8S43 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
TPC43A VISHAY-TPC43A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com