Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ZY5.6 Datasheet(PDF) 2 Page - EIC discrete Semiconductors |
|
ZY5.6 Datasheet(HTML) 2 Page - EIC discrete Semiconductors |
2 / 2 page ELECTRICAL CHARACTERISTICS ( Tj = 25 °C unless otherwise specified ) Zener Voltage (2) Dynamic Temp. coeff. Test Maximum Admissible at IZT resistance of Zener Current Reverse Zener Current (1) VZ (V) at IZT Voltage at IZT at IR = 1 µ µA at Ta = 25 °°C min. max. max. rzj (Ω Ω) α VZ (10 -4/K) IZT (mA) VR (V) IZ (mA) ZY3.6 3.4 3.8 7 -7…+2 100 - 440 ZY3.9 3.7 4.1 7 -7…+2 100 - 410 ZY4.3 4.0 4.6 7 -7…+3 100 - 360 ZY4.7 4.4 5.0 7 -7…+4 100 - 330 ZY5.1 4.8 5.4 5 -6…+5 100 - 300 ZY5.6 5.2 6.0 2 -3…+5 100 >1.5 275 ZY6.2 5.8 6.6 2 -1…+6 100 >1.5 245 ZY6.8 6.4 7.2 1 0…+7 100 >2 220 ZY7.5 7.0 7.9 1 0…+7 100 >2 200 ZY8.2 7.7 8.7 1 +3…+8 100 >3.5 180 ZY9.1 8.5 9.6 4 +3…+8 50 >7.4 165 ZY10 9.4 10.6 4 +5…+9 50 >8.2 145 ZY11 10.4 11.6 7 +5…+10 50 >9.2 135 ZY12 11.4 12.7 7 +5…+10 50 >10 120 ZY13 12.4 14.1 10 +5…+10 50 >10.7 110 ZY15 13.8 15.8 10 +5…+10 50 >12 98 ZY16 15.3 17.1 15 +6…+11 25 >13.3 90 ZY18 16.8 19.1 15 +6…+11 25 >14.7 80 ZY20 18.8 21.2 15 +6…+11 25 >16.5 72 ZY22 20.8 23.3 15 +6…+11 25 >18.3 66 ZY24 22.8 25.6 15 +6…+11 25 >20.1 60 ZY27 25.1 28.9 15 +6…+11 25 >22.5 53 ZY30 28 32 15 +6…+11 25 >25.1 48 ZY33 31 35 15 +6…+11 25 >27.8 44 ZY36 34 38 40 +6…+11 10 >30.2 40 ZY39 37 41 40 +6…+11 10 >32.9 37 ZY43 40 46 45 +7…+12 10 >35.6 33 ZY47 44 50 45 +7…+12 10 >39.2 30 ZY51 48 54 60 +7…+12 10 >42.8 27 ZY56 52 60 60 +7…+12 10 >47.3 25 ZY62 58 66 80 +8…+13 10 >51.7 21 ZY68 64 72 80 +8…+13 10 >57.1 20 ZY75 70 79 100 +8…+13 10 >63.2 18 ZY82 77 88 100 +8…+13 10 >68.6 16 ZY91 85 96 200 +9…+13 5 >75.7 15 ZY100 94 106 200 +9…+13 5 >83.7 13 ZY110 104 116 250 +9…+13 5 >92.6 12 ZY120 114 127 250 +9…+13 5 >101.6 11 ZY130 124 141 300 +9…+13 5 >110.5 10 ZY150 138 156 300 +9…+13 5 >123 9 ZY160 153 171 350 +9…+13 5 >136 8.5 ZY180 168 191 350 +9…+13 5 >149 8 ZY200 168 212 350 +9 … +13 5 >167 7.5 Notes : 1) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case 2) Tested with pulses tp = 5 ms Page 2 of 2 Rev. 02 : March 25, 2005 Type No. |
Número de pieza similar - ZY5.6 |
|
Descripción similar - ZY5.6 |