Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XR17L154 Datasheet(PDF) 42 Page - Exar Corporation

No. de pieza XR17L154
Descripción Electrónicos  3.3V PCI BUS QUAD UART
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EXAR [Exar Corporation]
Página de inicio  http://www.exar.com
Logo EXAR - Exar Corporation

XR17L154 Datasheet(HTML) 42 Page - Exar Corporation

Back Button XR17L154 Datasheet HTML 38Page - Exar Corporation XR17L154 Datasheet HTML 39Page - Exar Corporation XR17L154 Datasheet HTML 40Page - Exar Corporation XR17L154 Datasheet HTML 41Page - Exar Corporation XR17L154 Datasheet HTML 42Page - Exar Corporation XR17L154 Datasheet HTML 43Page - Exar Corporation XR17L154 Datasheet HTML 44Page - Exar Corporation XR17L154 Datasheet HTML 45Page - Exar Corporation XR17L154 Datasheet HTML 46Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
áç
áç
áç
áç
XR17L154
3.3V PCI BUS QUAD UART
DISCONTINUED
REV. 1.1.0
42
FCTR [3:0] - Auto RTS/DTR Flow Control Hysteresis Select
These bits select the auto RTS/DTR flow control hysteresis and only valid when TX and RX Trigger Table-D is
selected (FCTR bit-6 and 7 are set to logic 1). The RTS/DTR hysteresis is referenced to the RX FIFO trigger
level. After reset, these bits are set to logic 0 selecting the next FIFO trigger level for hardware flow control.
Table 16 below shows the 16 selectable hysteresis levels.
FCTR[4]: Infrared RX Input Logic Select
Logic 0 = Select RX input as active high encoded IrDA data, normal, (default).
Logic 1 = Select RX input as active low encoded IrDA data, inverted.
FCTR[5]: Auto RS485 Enable
Auto RS485 half duplex control enable/disable.
Logic 0 = Standard ST16C550 mode. Transmitter generates an interrupt when transmit holding register
(THR) becomes empty. Transmit Shift Register (TSR) may still be shifting data bit out.
Logic 1 = Enable Auto RS485 half duplex direction control. RTS# output changes its logic level from 1 to 0
when finished sending the last stop bit of the last character out of the TSR register. It changes back to logic
level 1 from 0 when a data byte is loaded into the THR or transmit FIFO. The change to logic 1 occurs prior
sending the start-bit. It also changes the transmitter interrupt from transmit holding to transmit shift register
(TSR) empty.
TABLE 16: 16 SELECTABLE HYSTERESIS LEVELS WHEN TRIGGER TABLE-D IS SELECTED
FCTR BIT-3 FCTR BIT-2 FCTR BIT-1 FCTR BIT-0
RTS/DTR HYSTERESIS
(CHARACTERS)
00
00
0
00
01
+/- 4
00
10
+/- 6
00
11
+/- 8
01
00
+/- 8
01
01
+/- 16
01
10
+/- 24
01
11
+/- 32
11
00
+/- 12
11
01
+/- 20
11
10
+/- 28
11
11
+/- 36
10
00
+/- 40
10
01
+/- 44
10
10
+/- 48
10
11
+/- 52


Número de pieza similar - XR17L154

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Exar Corporation
XR17L152 EXAR-XR17L152 Datasheet
318Kb / 55P
   3.3V PCI BUS DUAL UART
XR17L152CM EXAR-XR17L152CM Datasheet
318Kb / 55P
   3.3V PCI BUS DUAL UART
XR17L152IM EXAR-XR17L152IM Datasheet
318Kb / 55P
   3.3V PCI BUS DUAL UART
More results

Descripción similar - XR17L154

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Exar Corporation
XR17D154 EXAR-XR17D154 Datasheet
836Kb / 69P
   UNIVERSAL (3.3V AND 5V) PCI BUS QUAD UART
XR17L152 EXAR-XR17L152 Datasheet
318Kb / 55P
   3.3V PCI BUS DUAL UART
XR17C154 EXAR-XR17C154 Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
XR17C154 EXAR-XR17C154_05 Datasheet
1Mb / 62P
   5V PCI BUS QUAD UART
XR17D152 EXAR-XR17D152 Datasheet
772Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17D152IM-F EXAR-XR17D152IM-F Datasheet
727Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17D158 EXAR-XR17D158 Datasheet
1Mb / 72P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158 EXAR-XR17D158_05 Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158IV-F EXAR-XR17D158IV-F Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17V254 EXAR-XR17V254 Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com