Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLZ33B Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza TLZ33B
Descripción Electrónicos  Z-Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLZ33B Datasheet(HTML) 3 Page - Vishay Siliconix

  TLZ33B Datasheet HTML 1Page - Vishay Siliconix TLZ33B Datasheet HTML 2Page - Vishay Siliconix TLZ33B Datasheet HTML 3Page - Vishay Siliconix TLZ33B Datasheet HTML 4Page - Vishay Siliconix TLZ33B Datasheet HTML 5Page - Vishay Siliconix TLZ33B Datasheet HTML 6Page - Vishay Siliconix TLZ33B Datasheet HTML 7Page - Vishay Siliconix TLZ33B Datasheet HTML 8Page - Vishay Siliconix TLZ33B Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLZ...
Vishay Semiconductors
Rev. A4, 08-JAug-02
3 (9)
www.vishay.com
Document Number 85635
Type
VZmin
.
VZmax.
at IZ
ZZmax
.
at IZ
ZZKmax.
at IZ
IRmax.
at
VR
IRmax2)
at
VR2)
Body
Mark-
(V)
(V)
(mA)
(
W)
(mA)
(
W)
(mA)
(
mA)
(V)
(
mA)
(V)
ing
TLZ6V2
5.78
6.44
20
10
20
300
1
5
3.0
0.1
1.0
6V2
TLZ6V2A
5.78
6.09
20
10
20
300
1
5
3.0
0.1
1.0
6A2
TLZ6V2B
5.96
6.27
20
10
20
300
1
5
3.0
0.1
2.0
6B2
TLZ6V2C
6.12
6.44
20
10
20
300
1
5
3.0
0.1
2.0
6C2
TLZ6V8
6.29
7.01
20
8
20
150
0.5
2
3.5
0.1
2.0
6V8
TLZ6V8A
6.29
6.63
20
8
20
150
0.5
2
3.5
0.1
2.0
6A8
TLZ6V8B
6.49
6.83
20
8
20
150
0.5
2
3.5
0.1
3.0
6B8
TLZ6V8C
6.66
7.01
20
8
20
150
0.5
2
3.5
0.1
3.0
6C8
TLZ7V5
6.85
7.67
20
8
20
120
0.5
0.5
4.0
0.1
3.0
7V5
TLZ7V5A
6.85
7.22
20
8
20
120
0.5
0.5
4.0
0.1
3.0
7A5
TLZ7V5B
7.07
7.45
20
8
20
120
0.5
0.5
4.0
0.1
4.0
7B5
TLZ7V5C
7.29
7.67
20
8
20
120
0.5
0.5
4.0
0.1
4.0
7C5
TLZ8V2
7.53
8.45
20
8
20
120
0.5
0.5
5.0
0.1
4.0
8V2
TLZ8V2A
7.53
7.92
20
8
20
120
0.5
0.5
5.0
0.1
4.0
8A2
TLZ8V2B
7.78
8.19
20
8
20
120
0.5
0.5
5.0
0.1
4.0
8B2
TLZ8V2C
8.03
8.45
20
8
20
120
0.5
0.5
5.0
0.1
4.0
8C2
TLZ9V1
8.29
9.30
20
8
20
120
0.5
0.5
6.0
9V1
TLZ9V1A
8.29
8.73
20
8
20
120
0.5
0.5
6.0
9A1
TLZ9V1B
8.57
9.01
20
8
20
120
0.5
0.5
6.0
9B1
TLZ9V1C
8.83
9.30
20
8
20
120
0.5
0.5
6.0
9C1
TLZ10
9.12
10.44
20
8
20
120
0.5
0.2
7.0
10
TLZ10A
9.12
9.59
20
8
20
120
0.5
0.2
7.0
10A
TLZ10B
9.41
9.90
20
8
20
120
0.5
0.2
7.0
10B
TLZ10C
9.70
10.20
20
8
20
120
0.5
0.2
7.0
10C
TLZ10D
9.94
10.44
20
8
20
120
0.5
0.2
7.0
10D
TLZ11
10.18
11.38
10
10
10
120
0.5
0.2
8.0
11
TLZ11A
10.18
10.71
10
10
10
120
0.5
0.2
8.0
11A
TLZ11B
10.50
11.05
10
10
10
120
0.5
0.2
8.0
11B
TLZ11C
10.82
11.38
10
10
10
120
0.5
0.2
8.0
11C
TLZ12
11.13
12.35
10
12
10
110
0.5
0.2
9.0
12
TLZ12A
11.13
11.71
10
12
10
110
0.5
0.2
9.0
12A
TLZ12B
11.44
12.03
10
12
10
110
0.5
0.2
9.0
12B
TLZ12C
11.74
12.35
10
12
10
110
0.5
0.2
9.0
12C
TLZ13
12.11
13.66
10
14
10
110
0.5
0.2
10
13
TLZ13A
12.11
12.75
10
14
10
110
0.5
0.2
10
13A
TLZ13B
12.55
13.21
10
14
10
110
0.5
0.2
10
13B
TLZ13C
12.99
13.66
10
14
10
110
0.5
0.2
10
13C


Número de pieza similar - TLZ33B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TLZ33B VISHAY-TLZ33B Datasheet
110Kb / 9P
   Small Signal Zener Diodes
Rev. 1.9, 23-Mar-06
TLZ33B VISHAY-TLZ33B Datasheet
112Kb / 8P
   Small Signal Zener Diodes
Rev. 2.1, 27-Sep-11
TLZ33B VISHAY-TLZ33B Datasheet
110Kb / 8P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
TLZ33B VISHAY-TLZ33B Datasheet
131Kb / 9P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
TLZ33B-GS08 VISHAY-TLZ33B-GS08 Datasheet
110Kb / 8P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
More results

Descripción similar - TLZ33B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BZX46 ETC-BZX46 Datasheet
1Mb / 6P
   Z-DIODES
logo
Vishay Siliconix
BZG05C VISHAY-BZG05C Datasheet
64Kb / 4P
   Silicon Z-Diodes
Rev. 6, 01-Apr-99
logo
List of Unclassifed Man...
BZY83C ETC-BZY83C Datasheet
157Kb / 5P
   Silicon Z-diodes
logo
Vishay Siliconix
1N957B VISHAY-1N957B Datasheet
33Kb / 3P
   Silicon Z-Diodes
Rev. A3, 13-Nov-98
BZG47 VISHAY-BZG47 Datasheet
84Kb / 4P
   Silicon Z–Diodes
Rev. 5, 06-Aug-99
BZG03C VISHAY-BZG03C Datasheet
71Kb / 5P
   Silicon Z-Diodes
Rev. 5, 01-Apr-99
TZM5221B VISHAY-TZM5221B Datasheet
59Kb / 4P
   Silicon Z-Diodes
Rev. 2, 01-Apr-99
1N5221B VISHAY-1N5221B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Diotec Semiconductor
ZPY10 DIOTEC-ZPY10 Datasheet
90Kb / 2P
   Silicon Power Z-Diodes
logo
Vishay Siliconix
1N4728A VISHAY-1N4728A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com