Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLZ33D Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza TLZ33D
Descripción Electrónicos  Z-Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLZ33D Datasheet(HTML) 5 Page - Vishay Siliconix

  TLZ33D Datasheet HTML 1Page - Vishay Siliconix TLZ33D Datasheet HTML 2Page - Vishay Siliconix TLZ33D Datasheet HTML 3Page - Vishay Siliconix TLZ33D Datasheet HTML 4Page - Vishay Siliconix TLZ33D Datasheet HTML 5Page - Vishay Siliconix TLZ33D Datasheet HTML 6Page - Vishay Siliconix TLZ33D Datasheet HTML 7Page - Vishay Siliconix TLZ33D Datasheet HTML 8Page - Vishay Siliconix TLZ33D Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TLZ...
Vishay Semiconductors
Rev. A4, 08-JAug-02
5 (9)
www.vishay.com
Document Number 85635
Type
VZmin
.
VZmax.
at IZ
ZZmax
.
at IZ
ZZKmax.
at IZ
IRmax.
at
VR
IRmax2)
at
VR2)
Body
Mark-
(V)
(V)
(mA)
(
W)
(mA)
(
W)
(mA)
(
mA)
(V)
(
mA)
(V)
ing
TLZ33
29.68
33.11
5
65
5
250
0.5
0.2
25
33
TLZ33A
29.68
31.22
5
65
5
250
0.5
0.2
25
33A
TLZ33B
30.32
31.88
5
65
5
250
0.5
0.2
25
33B
TLZ33C
30.90
32.50
5
65
5
250
0.5
0.2
25
33C
TLZ33D
31.49
33.11
5
65
5
250
0.5
0.2
25
33D
TLZ36
32.14
35.77
5
75
5
250
0.5
0.2
27
36
TLZ36A
32.14
33.79
5
75
5
250
0.5
0.2
27
36A
TLZ36B
32.79
34.49
5
75
5
250
0.5
0.2
27
36B
TLZ36C
33.40
35.13
5
75
5
250
0.5
0.2
27
36C
TLZ36D
34.01
35.77
5
75
5
250
0.5
0.2
27
36D
TLZ39
34.68
40.80
5
85
5
250
0.5
0.2
30
39
TLZ39A
34.68
36.47
5
85
5
250
0.5
0.2
30
39A
TLZ39B
35.36
37.19
5
85
5
250
0.5
0.2
30
39B
TLZ39C
36.00
37.85
5
85
5
250
0.5
0.2
30
39C
TLZ39D
36.63
38.52
5
85
5
250
0.5
0.2
30
39D
TLZ39E
37.36
39.29
5
85
5
250
0.5
0.2
30
39E
TLZ39F
38.14
40.11
5
85
5
250
0.5
0.2
30
39F
TLZ39G
38.94
40.80
5
85
5
250
0.5
0.2
30
39G
TLZ43
40.00
45.00
5
90
5
0.2
33
43
TLZ47
44.00
49.00
5
90
5
0.2
36
47
TLZ51
48.00
54.00
5
100
5
0.2
39
51
TLZ56
53.00
60.00
5
100
5
0.2
43
56
2) Additional measurement
Please note: Additional measurement of voltage group 9V1 to 75 IR at 95 % VZmin = < 35 nA at Tj 25 _C


Número de pieza similar - TLZ33D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TLZ33D VISHAY-TLZ33D Datasheet
110Kb / 9P
   Small Signal Zener Diodes
Rev. 1.9, 23-Mar-06
TLZ33D VISHAY-TLZ33D Datasheet
112Kb / 8P
   Small Signal Zener Diodes
Rev. 2.1, 27-Sep-11
TLZ33D VISHAY-TLZ33D Datasheet
110Kb / 8P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
TLZ33D VISHAY-TLZ33D Datasheet
131Kb / 9P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
More results

Descripción similar - TLZ33D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BZX46 ETC-BZX46 Datasheet
1Mb / 6P
   Z-DIODES
logo
Vishay Siliconix
BZG05C VISHAY-BZG05C Datasheet
64Kb / 4P
   Silicon Z-Diodes
Rev. 6, 01-Apr-99
logo
List of Unclassifed Man...
BZY83C ETC-BZY83C Datasheet
157Kb / 5P
   Silicon Z-diodes
logo
Vishay Siliconix
1N957B VISHAY-1N957B Datasheet
33Kb / 3P
   Silicon Z-Diodes
Rev. A3, 13-Nov-98
BZG47 VISHAY-BZG47 Datasheet
84Kb / 4P
   Silicon Z–Diodes
Rev. 5, 06-Aug-99
BZG03C VISHAY-BZG03C Datasheet
71Kb / 5P
   Silicon Z-Diodes
Rev. 5, 01-Apr-99
TZM5221B VISHAY-TZM5221B Datasheet
59Kb / 4P
   Silicon Z-Diodes
Rev. 2, 01-Apr-99
1N5221B VISHAY-1N5221B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Diotec Semiconductor
ZPY10 DIOTEC-ZPY10 Datasheet
90Kb / 2P
   Silicon Power Z-Diodes
logo
Vishay Siliconix
1N4728A VISHAY-1N4728A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com