Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM681000CLTI-7L Datasheet(PDF) 9 Page - Samsung semiconductor

No. de pieza KM681000CLTI-7L
Descripción Electrónicos  128K x8 bit Low Power CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM681000CLTI-7L Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button KM681000CLTI-7L Datasheet HTML 2Page - Samsung semiconductor KM681000CLTI-7L Datasheet HTML 3Page - Samsung semiconductor KM681000CLTI-7L Datasheet HTML 4Page - Samsung semiconductor KM681000CLTI-7L Datasheet HTML 5Page - Samsung semiconductor KM681000CLTI-7L Datasheet HTML 6Page - Samsung semiconductor KM681000CLTI-7L Datasheet HTML 7Page - Samsung semiconductor KM681000CLTI-7L Datasheet HTML 8Page - Samsung semiconductor KM681000CLTI-7L Datasheet HTML 9Page - Samsung semiconductor KM681000CLTI-7L Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PRELIMINARY
KM681000C Family
CMOS SRAM
Revision 2.0
November 1997
9
PACKAGE DIMENSIONS
Units: millimeter(inch)
0~15
°
1.91
#1
32 DUAL INLINE PACKAGE (600mil)
#32
13.60
±0.20
0.535
±0.008
41.91
±0.20
1.650
±0.008
(
)
0.075
+0.10
MAX
42.31
1.666
0.25
-0.05
+0.004
0.010
-0.002
2.54
0.100
MAX
3.81
±0.20
0.150
±0.008
5.08
0.200
MIN
0.015
0.38
0.130
±0.012
3.30
±0.30
#16
#17
1.52
±0.10
0.060
±0.004
0.46
±0.10
0.018
±0.004
32 PLASTIC SMALL OUTLINE PACKAGE (525mil)
0~8
°
#32
20.47
±0.20
0.806
±0.008
MAX
20.87
0.822
MAX
2.74
±0.20
0.108
±0.008
3.00
0.118
MIN
0.002
0.05
0.004 MAX
0.10 MAX
#1
0.71
(
)
0.028
11.43
±0.20
0.450
±0.008
0.80
±0.20
0.031
±0.008
+0.10
0.20
-0.05
+0.004
0.008
-0.002
14.12
±0.30
0.556
±0.012
#17
#16
1.27
0.050
+0.100
0.41
-0.050
+0.004
0.016
-0.002


Número de pieza similar - KM681000CLTI-7L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM681000 SAMSUNG-KM681000 Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000BL SAMSUNG-KM681000BL Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000BL-L SAMSUNG-KM681000BL-L Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000BLE SAMSUNG-KM681000BLE Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
More results

Descripción similar - KM681000CLTI-7L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008V2C-TB70 SAMSUNG-K6T1008V2C-TB70 Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com