Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABT16500C Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74ABT16500C
Descripción Electrónicos  18-bit universal bus transceiver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT16500C Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74ABT16500C Datasheet HTML 4Page - NXP Semiconductors 74ABT16500C Datasheet HTML 5Page - NXP Semiconductors 74ABT16500C Datasheet HTML 6Page - NXP Semiconductors 74ABT16500C Datasheet HTML 7Page - NXP Semiconductors 74ABT16500C Datasheet HTML 8Page - NXP Semiconductors 74ABT16500C Datasheet HTML 9Page - NXP Semiconductors 74ABT16500C Datasheet HTML 10Page - NXP Semiconductors 74ABT16500C Datasheet HTML 11Page - NXP Semiconductors 74ABT16500C Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors
Product specification
74ABT16500C
74ABTH16500C
18-bit universal bus transceiver (3-State)
1998 Feb 27
9
AC WAVEFORMS (Continued)
VM = 1.5V, VIN = GND to 3.0V
tPLH
tPHL
tW(H)
VM
VM
VM
VM
VM
LEAB or
LEBA
An or Bn
VOH
VOL
SA00133
Waveform 3. Propagation Delay, Enable to Output, and Enable
Pulse Width
VM
VM
VM
VM
VM
VM
An
or
Bn
CPAB or CPBA,
LEAB or LEBA
tS(H)
th(H)
tS(L)
th(L)
SA00323
Note: The shaded areas indicate when the input is permitted
to change for predictable output performance.
Waveform 4. Data Setup and Hold Times
OEBA
OEAB
An or Bn
VM
VM
VM
tPZH
tPHZ
VOH
VOH –0.3V
SA00135
Waveform 5. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
VOL
OEBA
OEAB
VM
VM
tPZL
tPLZ
VM
An or Bn
VOL +0.3V
SA00136
Waveform 6. 3-State Output Enable Time to Low Level
and Output Disable Time from Low Level
TEST CIRCUIT AND WAVEFORMS
PULSE
GENERATOR
RT
VIN
D.U.T.
VOUT
RL
VCC
RL
7.0V
Test Circuit for 3-State Outputs
VM
VM
tW
AMP (V)
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
AMP (V)
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)tTHL (tF)
tTLH (tR)
VM = 1.5V
Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
INPUT PULSE REQUIREMENTS
FAMILY
Amplitude
Rep. Rate
tW
tR
tF
74ABT/H16
3.0V
1MHz
500ns
2.5ns
2.5ns
SWITCH POSITION
TEST
SWITCH
tPLZ
closed
tPZL
closed
All other
open
SA00018
CL


Número de pieza similar - 74ABT16500C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ABT16500CMTD FAIRCHILD-74ABT16500CMTD Datasheet
74Kb / 9P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
74ABT16500CSSC FAIRCHILD-74ABT16500CSSC Datasheet
74Kb / 9P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
More results

Descripción similar - 74ABT16500C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com