Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74ABH16244ADGG Datasheet(PDF) 6 Page - NXP Semiconductors |
|
74ABH16244ADGG Datasheet(HTML) 6 Page - NXP Semiconductors |
6 / 10 page Philips Semiconductors Product specification 74ABT16244A 74ABTH16244A 16-bit buffer/line driver (3-State) 1998 Oct 07 6 AC CHARACTERISTICS GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω LIMITS SYMBOL PARAMETER WAVEFORM Tamb = +25°C VCC = +5.0V Tamb = –40°C to +85°C VCC = +5.0V ±0.5V UNIT MIN TYP MAX MIN MAX tPLH tPHL Propagation delay nAx to nYx 1 1.1 1.3 1.7 2.1 2.6 2.9 1.1 1.3 2.8 3.4 ns tPZH tPZL Output enable time to High and Low level 2 1.6 2.3 2.7 3.5 3.7 4.0 1.6 2.3 4.5 4.8 ns tPHZ tPLZ Output disable time from High and Low level 2 2.0 1.6 3.0 2.4 4.0 3.2 2.0 1.6 4.6 4.1 ns AC WAVEFORMS VM = 1.5V, VIN = GND to 3.0V nAx INPUT VM VM nYx OUTPUT VM VM tPLH tPHL SA00016 3.0V or VCC whichever is less 0V VOH VOL Waveform 1. Input (An) to Output (Yn) Propagation Delays nOE INPUT VM VM tPZH tPHZ nYx OUTPUT VOH VM VM nYx OUTPUT VOL tPZL tPLZ 3.5V 0V VOL + 0.3V VOH – 0.3V SA00017 Waveform 2. 3-State Output Enable and Disable Times |
Número de pieza similar - 74ABH16244ADGG |
|
Descripción similar - 74ABH16244ADGG |