Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMH6601MG Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LMH6601MG
Descripción Electrónicos  250 MHz, 2.4V CMOS Op Amp with Shutdown
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6601MG Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6601MG Datasheet HTML 1Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 2Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 3Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 4Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 5Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 6Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 7Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 8Page - National Semiconductor (TI) LMH6601MG Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
5V Electrical Characteristics Single Supply with V
S= 5V, AV = +2, RF = 604
Ω, SD tied to V+,V
OUT =VS/2,
RL = 150
Ω to Vunless otherwise specified. Boldface limits apply at temperature extremes. (Note 2) (Continued)
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 6)
Max
(Note 6)
Units
Static, DC Performance
V
IO
Input Offset Voltage
±1
±2.4
±5.0
mV
DV
IO
Input Offset Voltage Average
Drift
(Note 8)
−5
µV/˚C
I
B
Input Bias Current
(Note 9)
5
50
pA
I
OS
Input Offset Current
(Note 9)
2
25
pA
R
IN
Input Resistance
>100
G
C
IN
Input Capacitance
1.3
pF
+PSRR
Positive Power Supply
Rejection Ratio
DC
55
51
59
dB
−PSRR
Negative Power Supply
Rejection Ratio
DC
53
50
61
dB
CMRR
Common Mode Rejection Ratio DC
56
53
68
dB
CMVR
Input Voltage Range
CMRR > 50 dB
V
-0.20
V
+ - 1.5
V
I
CC
Supply Current
Normal Operation
V
OUT =VS/2
9.6
11.5
13.5
mA
Shutdown
SD tied to
≤ 0.5V (Note 5)
100
nA
VOH1
Output High Voltage
(Relative to V
+)
R
L = 150
Ω to V
–210
–480
–190
mV
VOH2
R
L =75
Ω to V
S/2
–190
VOH3
R
L =10k
Ω to V
–60
–110
–12
VOL1
Output Low Voltage
(Relative to V
)
R
L = 150
Ω to V
+5
+45
+125
mV
VOL2
R
L =75
Ω to V
S/2
+120
VOL3
R
L =10k
Ω to V
+5
+45
+125
I
O
Output Current
V
OUT < 0.6V from
Respective Supply
Source
150
mA
Sink
180
I
O_1
V
OUT =VS/2,
V
ID = ±18 mV (Note 10)
±100
Load
Output Load Rating
THD < −30 dBc, f = 200 kHz,
R
L tied to VS/2, VOUT =4VPP
20
R
O_Enabled
Output Resistance
Enabled, A
V = +1
0.2
R
O_Disabled Output Resistance
Shutdown
>100
M
C
O_Disabled Output Capacitance
Shutdown
5.0
pF
Miscellaneous Performance
VDMAX
Voltage Limit for Disable (Pin 5) (Note 5)
0
0.5
V
VDMIN
Voltage Limit for Enable (Pin 5) (Note 5)
4.5
5.0
V
I
i
Logic Input Current (Pin 5)
SD = 5V (Note 5)
10
pA
V
_glitch
Turn-on Glitch
2.2
V
T
on
Turn-on Time
1.4
µs
T
off
Turn-off Time
520
ns
Isolation
OFF
Off Isolation
1 MHz, R
L =1k
60
dB
T_OL
Overload Recovery
<20
ns
www.national.com
3


Número de pieza similar - LMH6601MG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH6601MG NSC-LMH6601MG Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601MG/NOPB TI1-LMH6601MG/NOPB Datasheet
2Mb / 40P
[Old version datasheet]   CMOS Operational Amplifier
logo
National Semiconductor ...
LMH6601MGNOPB NSC-LMH6601MGNOPB Datasheet
1Mb / 37P
   LMH6601/LMH6601Q 250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
LMH6601MGX NSC-LMH6601MGX Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601MGX/NOPB TI1-LMH6601MGX/NOPB Datasheet
2Mb / 40P
[Old version datasheet]   CMOS Operational Amplifier
More results

Descripción similar - LMH6601MG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH6601 NSC-LMH6601_09 Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601 TI1-LMH6601 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
LMH6601-Q1 TI1-LMH6601-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
National Semiconductor ...
LMH6601 NSC-LMH6601_14 Datasheet
1Mb / 37P
   LMH6601/LMH6601Q 250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6703 TI1-LMH6703_16 Datasheet
1Mb / 26P
[Old version datasheet]   1.2 GHz, Low Distortion Op Amp with Shutdown
logo
National Semiconductor ...
LMH6703 NSC-LMH6703 Datasheet
864Kb / 13P
   1.2 GHz, Low Distortion Op Amp with Shutdown
logo
Linear Technology
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Texas Instruments
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
[Old version datasheet]   200-MHz CMOS Operational Amplifier With Shutdown
logo
Analog Devices
LTC6228 AD-LTC6228 Datasheet
2Mb / 26P
   Low Distortion Rail-to-Rail Output Op Amp with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com