Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS820V32T Datasheet(PDF) 6 Page - GSI Technology

No. de pieza GS820V32T
Descripción Electrónicos  64K x 32 Burst
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS820V32T Datasheet(HTML) 6 Page - GSI Technology

Back Button GS820V32T Datasheet HTML 2Page - GSI Technology GS820V32T Datasheet HTML 3Page - GSI Technology GS820V32T Datasheet HTML 4Page - GSI Technology GS820V32T Datasheet HTML 5Page - GSI Technology GS820V32T Datasheet HTML 6Page - GSI Technology GS820V32T Datasheet HTML 7Page - GSI Technology GS820V32T Datasheet HTML 8Page - GSI Technology GS820V32T Datasheet HTML 9Page - GSI Technology GS820V32T Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Rev. 9/09/97
6/15
64K x 32 Burst
GS820V32Q/T
4/5/6, 2.5V I/O, 2.0mA
80-133MHz (P/L)
66MHz Flow-Thru
G S I T E C H N O L O G Y
GS820V32Q/T
DC Characteristics (Voltage reference to VSS=0V)
(VDD=3.135V to 3.465V, Ta=0 to 70C)
(TA= -40 to +85C for Industrial Temperature Offering)
Parameter
Symbol
Test Conditions
133MHz
-4
-5
-6
Min
Max
Min
Max
Min
Max
Min
Max
Input Leakage Current
(except ZZ, FT, LBO pins)
IIL
VIN = 0 to VDD
-1uA
1uA
-1uA
1uA
-1uA
1uA
-1uA
1uA
ZZ Input Current
IINZZ
VDD ≥ VIN ≥ VIH
0V
≤ V
IN ≤ VIH
-1uA
-1uA
1uA
300uA
-1uA
-1uA
1uA
300uA
-1uA
-1uA
1uA
300uA
-1uA
-1uA
1uA
300uA
Mode Input Current
(FT & LBO pins)
IINM
VDD ≥ VIN ≥ VIH
0V
≤ V
IN ≤ VIH
-300uA
-1uA
1uA
1uA
-300uA
-1uA
1uA
1uA
-300uA
-1uA
1uA
1uA
-300uA
-1uA
1uA
1uA
Output Leakage Current
IOL
Output Disable,
VOUT = 0 to VDD
-1uA
1uA
-1uA
1uA
-1uA
1uA
-1uA
1uA
Output High Voltage
VOH
IOH = - 8mA
2.4V
2.4
2.4V
2.4V
Output Low Voltage
VOL
IOL = + 8mA
0.4V
0.4V
0.4V
0.4V
Parameter
Symbol
Test Conditions
133MHz
-4
-5
-6
0 to
70C
-40 to
+85C
0 to
70C
-40 to
+85C
0 to
70C
-40 to
+85C
0 to
70C
-40 to
+85C
Operating Supply Current
(VDD = man, E = VIH)
IDD
Device Selected;
All other inputs
≥ V
IH or ≤ VIL
Output open
240mA
245mA
210mA 215mA 180mA
185mA
150mA
155mA
Standby Current
ISB
ZZ
≥ V
DD - 0.2V
2mA
7mA
2mA
7mA
2mA
7mA
2mA
7mA
Deselect Supply Current
IDD
Device Selected;
All other inputs
≥ V
IH or ≤ VIL
80mA
85mA
70mA
75mA
60mA
65mA
50mA
55mA
AC Test Conditions
(VDD=3.135V to 3.465V, Ta=0 to 70C)
Note:
1. Include scope and jig capacitance.
2. Test conditions as specified with output loading as shown in
Fig. 1 unless otherwise noted
3. Output load 2 for tLZ, tHZ, tOLZ and tOHZ.
Parameter
Conditions
Input high level
VIH=2.4V
Input low level
VIL=0.4V
Input rise time
tr=1V/ns
Input fall time
tf=1V/ns
Input reference level
1.4V
Output reference level
1.4V
Output load
Fig. 1& 2
DQ
VT=1.4V
50
Ω 30pF1
DQ
3.3V
Fig. 1
Output load 1
Output load 2
Fig. 2
295
217
5pF1


Número de pieza similar - GS820V32T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
List of Unclassifed Man...
GS820322T-138 ETC1-GS820322T-138 Datasheet
760Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032A ETC1-GS82032A Datasheet
345Kb / 23P
   2M Synchronous Burst SRAM
logo
GSI Technology
GS82032AGT-100 GSI-GS82032AGT-100 Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS82032AGT-100I GSI-GS82032AGT-100I Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
More results

Descripción similar - GS820V32T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS82032AT GSI-GS82032AT Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
logo
List of Unclassifed Man...
GS82032T ETC1-GS82032T Datasheet
760Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
GSI Technology
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
List of Unclassifed Man...
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com