Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABTH16899DGG Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74ABTH16899DGG
Descripción Electrónicos  18-bit latched transceiver with 16-bit parity generator/checker 3-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH16899DGG Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ABTH16899DGG Datasheet HTML 3Page - NXP Semiconductors 74ABTH16899DGG Datasheet HTML 4Page - NXP Semiconductors 74ABTH16899DGG Datasheet HTML 5Page - NXP Semiconductors 74ABTH16899DGG Datasheet HTML 6Page - NXP Semiconductors 74ABTH16899DGG Datasheet HTML 7Page - NXP Semiconductors 74ABTH16899DGG Datasheet HTML 8Page - NXP Semiconductors 74ABTH16899DGG Datasheet HTML 9Page - NXP Semiconductors 74ABTH16899DGG Datasheet HTML 10Page - NXP Semiconductors 74ABTH16899DGG Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Philips Semiconductors
Product specification
74ABT16899
74ABTH16899
18-bit latched transceiver with 16-bit
parity generator/checker (3-State)
1998 Feb 25
7
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
Min
Typ
Max
Min
Max
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.7
–1.2
–1.2
V
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
3.1
2.5
V
VOH
High-level output voltage
VCC = 5.0V; IOH = –3mA; VI = VIL or VIH
3.0
3.6
3.0
V
VCC = 4.5V; IOH = –32mA; VI = VIL or VIH
2.0
2.7
2.0
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 64mA; VI = VIL or VIH
0.36
0.55
0.55
V
VRST
Power-up output low
voltage3
VCC = 5.5V; IO = 1mA; VI = GND or VCC
0.13
0.55
0.55
V
II
Input leakage
Control pins
VCC = 5.5V; VI = GND or 5.5V
±0.2
±1.0
±1.0
µA
current
Data pins
VCC = 5.5V; VI = GND or 5.5V
±1.0
±100
±100
µA
Bushold current A or B
VCC = 4.5V; VI = 0.8V
75
75
IHOLD
Bushold current A or B
inputs5
74ABTH16899
VCC = 4.5V; VI = 2.0V
–75
–75
µA
74ABTH16899
VCC = 5.5V; VI = 0 to 5.5V
±500
IOFF
Power-off leakage current
VCC = 0.0V; VO or VI ≤ 4.5V
±2.0
±100
±100
µA
IPU/IPD
Power-up/down 3-State
output current4
VCC = 2.1V; VO = 0.5V; VI = GND or VCC
±5.0
±50
±50
µA
IIH + IOZH
3-State output High current
VCC = 5.5V; VO = 2.7V; VI = VIL or VIH
2.0
50
50
µA
IIL + IOZL
3-State output Low current
VCC = 5.5V; VO = 0.5V; VI = VIL or VIH
–2.0
–50
–50
µA
ICEX
Output High leakage current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
2.0
50
50
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–50
–100
–180
–50
–180
mA
ICCH
VCC = 5.5V; Outputs High, VI = GND or VCC
0.5
1
1
mA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
10.5
19
19
mA
ICCZ
VCC = 5.5V; Outputs 3-State;
VI = GND or VCC
0.5
1
1
mA
∆ICC
Additional supply current per
input pin2
VCC = 5.5V; one input at 3.4V,
other inputs at VCC or GND
0.2
1.5
1.5
mA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. For valid test results, data must not be loaded into the flip-flops (or latches) after applying the power.
4. This parameter is valid for any VCC between 0V and 2.1V, with a transition time of up to 10msec. From VCC = 2.1V to VCC = 5V ± 10%, a
transition time of up to 100
µsec is permitted.
5. This is the bus hold overdrive current required to force the input to the opposite logic state.


Número de pieza similar - 74ABTH16899DGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABTH16821A PHILIPS-74ABTH16821A Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABTH16821ADGG PHILIPS-74ABTH16821ADGG Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABTH16821ADL PHILIPS-74ABTH16821ADL Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABTH16823A PHILIPS-74ABTH16823A Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ABTH16823ADGG PHILIPS-74ABTH16823ADGG Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
More results

Descripción similar - 74ABTH16899DGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVT16899 PHILIPS-74ALVT16899 Datasheet
122Kb / 20P
   2.5V/3.3V 18-bit latched transceiver with 16-bit parity generator/checker 3-State
1998 Jun 30
74ABT899 PHILIPS-74ABT899 Datasheet
123Kb / 16P
   9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
1998 Jan 16
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT657 PHILIPS-74ABT657 Datasheet
62Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1995 Dec 11
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
NXP Semiconductors
74ABT657 NXP-74ABT657 Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
74ABT853 PHILIPS-74ABT853 Datasheet
82Kb / 7P
   8-bit transceiver with 9-bit parity checker/ generator and flag latch 3-State
1995 Sep 06
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com