Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS8150V18AB Datasheet(PDF) 7 Page - GSI Technology

No. de pieza GS8150V18AB
Descripción Electrónicos  1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8150V18AB Datasheet(HTML) 7 Page - GSI Technology

Back Button GS8150V18AB Datasheet HTML 3Page - GSI Technology GS8150V18AB Datasheet HTML 4Page - GSI Technology GS8150V18AB Datasheet HTML 5Page - GSI Technology GS8150V18AB Datasheet HTML 6Page - GSI Technology GS8150V18AB Datasheet HTML 7Page - GSI Technology GS8150V18AB Datasheet HTML 8Page - GSI Technology GS8150V18AB Datasheet HTML 9Page - GSI Technology GS8150V18AB Datasheet HTML 10Page - GSI Technology GS8150V18AB Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Absolute Maximum Ratings
(All voltages reference to VSS)
Symbol
Description
Value
Unit
VDD
Voltage on VDD Pins
–0.5 to 2.5
V
VDDQ
Voltage in VDDQ Pins
–0.5 to VDD
V
VI/O
Voltage on I/O Pins
–0.5 to VDDQ + 0.5 (≤ 2.5 V max.)
V
VIN
Voltage on Other Input Pins
–0.5 to VDDQ + 0.5 (≤ 2.5 V max.)
V
IIN
Input Current on Any Pin
+/–100
mA dc
IOUT
Output Current on Any I/O Pin
+/–100
mA dc
TJ
Maximum Junction Temperature
125
oC
TSTG
Storage Temperature
–55 to 125
ºC
GS8150V18/36AB-357/333/300/250
Product Preview
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2005
7/25
© 2003, GSI Technology
Note:
Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended
Operating Conditions. Exposure to conditions exceeding the Recommended Operating Conditions, for an extended period of time, may affect
reliability of this component.
Recommended Operating Conditions
Power Supplies
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Supply Voltage
VDD
1.7
1.8
1.95
V
1.5 V I/O Supply Voltage
VDDQ
1.4
1.5
1.6
V
1.8 V I/O Supply Voltage
VDDQ
1.7
1.8
1.9
V
Ambient Temperature
(Commercial Range Versions)
TA
0
25
70
°C
Ambient Temperature
(Industrial Range Versions)
TA
–40
25
85
°C
1
Note:
The part number of Industrial Temperature Range versions end the character “I”. Unless otherwise noted, all performance specifications quoted
are evaluated for worst case in the temperature range marked on the device.


Número de pieza similar - GS8150V18AB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS815018AB GSI-GS815018AB Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS815018AB-250 GSI-GS815018AB-250 Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS815018AB-250I GSI-GS815018AB-250I Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS815018AB-300 GSI-GS815018AB-300 Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS815018AB-300I GSI-GS815018AB-300I Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
More results

Descripción similar - GS8150V18AB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS815018AB GSI-GS815018AB Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
logo
Cypress Semiconductor
CY7C1330AV25 CYPRESS-CY7C1330AV25 Datasheet
397Kb / 19P
   18-Mbit (512K x 36/1Mbit x 18) Pipelined Register-Register Late Write
logo
GSI Technology
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
logo
Cypress Semiconductor
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
logo
GSI Technology
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com