Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS8150V18AGB-357 Datasheet(PDF) 11 Page - GSI Technology

No. de pieza GS8150V18AGB-357
Descripción Electrónicos  1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8150V18AGB-357 Datasheet(HTML) 11 Page - GSI Technology

Back Button GS8150V18AGB-357 Datasheet HTML 7Page - GSI Technology GS8150V18AGB-357 Datasheet HTML 8Page - GSI Technology GS8150V18AGB-357 Datasheet HTML 9Page - GSI Technology GS8150V18AGB-357 Datasheet HTML 10Page - GSI Technology GS8150V18AGB-357 Datasheet HTML 11Page - GSI Technology GS8150V18AGB-357 Datasheet HTML 12Page - GSI Technology GS8150V18AGB-357 Datasheet HTML 13Page - GSI Technology GS8150V18AGB-357 Datasheet HTML 14Page - GSI Technology GS8150V18AGB-357 Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DQ
VDDQ/2
50
50
50
50
VDDQ/2
VDDQ/2
25
5pF
5pF
Device Under Test
VDDQ = 1.5 V
ZQ
RQ = 250
GS8150V18/36AB-357/333/300/250
Product Preview
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2005
11/25
© 2003, GSI Technology
AC Test Load Diagram
Input and Output Leakage Characteristics
Parameter
Symbol
Test Conditions
Min.
Max
Notes
Input Leakage Current
(except mode pins)
IIL
VIN = 0 to VDDQ
–2 uA
2 uA
ZQ, MCH, MCL, EP2, EP3
Pin Input Current
IINM
VIN = 0 to VDDQ
–50 uA
50 uA
Output Leakage Current
IOL
Output Disable,
VOUT = 0 to VDDQ
–2 uA
2 uA
Operating Currents
Parameter
Symbol
-357
-333
-300
-250
Test Conditions
0°C
to
70°C
–40°C
to
+85°C
0°C
to
70°C
–40°C
to
+85°C
0°C
to
70°C
–40°C
to
+85°C
0°C
to
70°C
–40°C
to
+85°C
Operating
Current
x36
IDD
650 mA
660 mA
600 mA
610 mA
550 mA
560 mA
500 mA
510 mA
SS
≤ VIL Max.
tKHKH
≥ tKHKH Min.
All other inputs
VIL ≥ VIN ≥ VIH
x18
IDD
600 mA
610 mA
550 mA
560 mA
500 mA
510 mA
450 mA
460 mA
HSTL
Deselect
Current
IDD3
150 mA
160 mA
150 mA
160 mA
150 mA
160 mA
150 mA
160 mA
Device Deselected
All inputs
VSS + 0.10 V
≥ VIN
VDD – 0.10 V


Número de pieza similar - GS8150V18AGB-357

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS815018AB GSI-GS815018AB Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS815018AB-250 GSI-GS815018AB-250 Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS815018AB-250I GSI-GS815018AB-250I Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS815018AB-300 GSI-GS815018AB-300 Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS815018AB-300I GSI-GS815018AB-300I Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
More results

Descripción similar - GS8150V18AGB-357

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS815018AB GSI-GS815018AB Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
logo
Cypress Semiconductor
CY7C1330AV25 CYPRESS-CY7C1330AV25 Datasheet
397Kb / 19P
   18-Mbit (512K x 36/1Mbit x 18) Pipelined Register-Register Late Write
logo
GSI Technology
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
logo
Cypress Semiconductor
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
logo
GSI Technology
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com