Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TB2924FG Datasheet(PDF) 13 Page - Toshiba Semiconductor

No. de pieza TB2924FG
Descripción Electrónicos  Class D, 20 W 횞 2-channel (BTL) Low-Frequency Power Amplifier IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB2924FG Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TB2924FG Datasheet HTML 8Page - Toshiba Semiconductor TB2924FG Datasheet HTML 9Page - Toshiba Semiconductor TB2924FG Datasheet HTML 10Page - Toshiba Semiconductor TB2924FG Datasheet HTML 11Page - Toshiba Semiconductor TB2924FG Datasheet HTML 12Page - Toshiba Semiconductor TB2924FG Datasheet HTML 13Page - Toshiba Semiconductor TB2924FG Datasheet HTML 14Page - Toshiba Semiconductor TB2924FG Datasheet HTML 15Page - Toshiba Semiconductor TB2924FG Datasheet HTML 16Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TB2924FG
2006-01-25
13
0
−60
10
OUT1
Rg = 620 Ω
RL = 8 Ω
Vrip = 0.775 Vrms
VCC = 15 V
100
1000
10000
−50
−40
−30
−20
−10
OUT2
VCC (V)
VNO – VCC
f ripp
(Hz)
R.R. – f ripp
Ambient temperature
Ta
(°C)
PD – Ta
0
0
25
50
75
100
125
150
2
4
6
8
10
12
14
16
(1) Infinite heat sink
(2) No heat sink
(when mounted on
Toshiba’s PC Board)
0.5
0
0
OUT1
RL = 8 Ω
Rg = 10 kΩ
VIN = 0 V
Filt: DIN_AUDIO
5
10
15
20
0.1
0.2
0.3
0.4
OUT2
Rg (Ω)
VNO – Rg
Rg (Ω)
R.R. – Rg
1
0
10
OUT1
RL = 8 Ω
VCC = 15 V
100
1000
10000
0.2
0.4
0.6
0.8
OUT2
0
−60
10
OUT2
Rg = 620 Ω
RL = 8 Ω
Vrip = 0.775 Vrms
VCC = 15 V
100
1000
10000
100000
−50
−40
−30
−20
−10
OUT1


Número de pieza similar - TB2924FG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TB2924AFG TOSHIBA-TB2924AFG Datasheet
774Kb / 16P
   Class D, 20 W × 2-channel (BTL) Low-Frequency Power Amplifier IC
2007-01-26
More results

Descripción similar - TB2924FG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TB2924AFG TOSHIBA-TB2924AFG Datasheet
774Kb / 16P
   Class D, 20 W × 2-channel (BTL) Low-Frequency Power Amplifier IC
2007-01-26
logo
NXP Semiconductors
TDA8954 NXP-TDA8954 Datasheet
439Kb / 46P
   2 횞 210 W class-D power amplifier
Rev. 01-24 December 2009
TDA8953 PHILIPS-TDA8953_15 Datasheet
756Kb / 46P
   2 횞 210 W class-D power amplifier
Rev. 01-24 December 2009
TDA8954 PHILIPS-TDA8954_15 Datasheet
439Kb / 46P
   2 횞 210 W class-D power amplifier
Rev. 01-24 December 2009
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
   20 W 20 W dual BTL class-D audio amplifier
logo
Hitachi Semiconductor
HA13158A HITACHI-HA13158A Datasheet
85Kb / 15P
   34 W 횞 4-Channel BTL Power IC
HA13159 HITACHI-HA13159 Datasheet
85Kb / 15P
   37 W 횞 4-Channel BTL Power IC
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V_10 Datasheet
481Kb / 24P
   Class-D Audio Power Amplifier BTL 15W 횞 2ch
logo
NXP Semiconductors
TDA1517ATW NXP-TDA1517ATW Datasheet
542Kb / 19P
   8 W BTL or 2 횞 4 W SE power amplifier
2001 Apr 17
logo
Sanyo Semicon Device
STK402-030 SANYO-STK402-030 Datasheet
62Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 20 W 20 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com