Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GS8162Z36B-250I Datasheet(PDF) 11 Page - GSI Technology |
|
GS8162Z36B-250I Datasheet(HTML) 11 Page - GSI Technology |
11 / 38 page GS8162Z18(B/D)/GS8162Z36(B/D)/GS8162Z72(C) Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 2.21 11/2004 11/38 © 1999, GSI Technology Pipelined and Flow Through Read Write Control State Diagram Deselect New Read New Write Burst Read Burst Write W R B R B W D D B B W R D B W R D D Current State (n) Next State (n+1) Transition ƒ Input Command Code Key Notes 1. The Hold command (CKE Low) is not shown because it prevents any state change. 2. W, R, B, and D represent input command codes as indicated in the Synchronous Truth Table. Clock (CK) Command Current State Next State ƒ n n+1 n+2 n+3 ƒƒƒ Current State and Next State Definition for Pipelined and Flow through Read/Write Control State Diagram W R |
Número de pieza similar - GS8162Z36B-250I |
|
Descripción similar - GS8162Z36B-250I |