Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GS8180DV18GD-100 Datasheet(PDF) 2 Page - GSI Technology |
|
GS8180DV18GD-100 Datasheet(HTML) 2 Page - GSI Technology |
2 / 28 page 1M x 18 SigmaQuad SRAM—Top View (Package D) 1 2 3 4 5 6 7 8 9 10 11 A NC MCL/SA (144Mb) NC/SA (36Mb) W BW1 K NC R SA MCL/SA (72Mb) NC B NC Q9 D9 SA NC K BW0 SA NC NC Q8 C NC NC D10 VSS SA NC SA VSS NC Q7 D8 D NC D11 Q10 VSS VSS VSS VSS VSS NC NC D7 E NC NC Q11 VDDQ VSS VSS VSS VDDQ NC D6 Q6 F NC Q12 D12 VDDQ VDD VSS VDD VDDQ NC NC Q5 G NC D13 Q13 VDDQ VDD VSS VDD VDDQ NC NC D5 H NC VREF VDDQ VDDQ VDD VSS VDD VDDQ VDDQ VREF ZQ J NC NC D14 VDDQ VDD VSS VDD VDDQ NC Q4 D4 K NC NC Q14 VDDQ VDD VSS VDD VDDQ NC D3 Q3 L NC Q15 D15 VDDQ VSS VSS VSS VDDQ NC NC Q2 M NC NC D16 VSS VSS VSS VSS VSS NC Q1 D2 N NC D17 Q16 VSS SA SA SA VSS NC NC D1 P NC NC Q17 SA SA C SA SA NC D0 Q0 R TDO TCK SA SA SA C SA SA SA TMS TDI 11 x 15 Bump BGA—13 x 15 mm2 Body—1 mm Bump Pitch Notes: 1. Expansion addresses: A3 for 36Mb, A10 for 72Mb, A2 for 144Mb 2. BW0 controls writes to D0:D8. BW1 controls writes to D9:D17. 3. MCL = Must Connect Low 4. It is recommended that H1 be tied low for compatibility with future devices. GS8180DV18D-250/200/167/133/100 Rev: 2.04 4/2005 2/28 © 2002, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. |
Número de pieza similar - GS8180DV18GD-100 |
|
Descripción similar - GS8180DV18GD-100 |