Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GS8161E36BD-250I Datasheet(PDF) 10 Page - GSI Technology |
|
GS8161E36BD-250I Datasheet(HTML) 10 Page - GSI Technology |
10 / 35 page GS8161E18B(T/D)/GS8161E32B(D)/GS8161E36B(T/D) Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.03 9/2005 10/35 © 2004, GSI Technology Mode Pin Functions Mode Name Pin Name State Function Burst Order Control LBO L Linear Burst H Interleaved Burst Output Register Control FT L Flow Through H or NC Pipeline Power Down Control ZZ L or NC Active H Standby, IDD = ISB Note: There are pull-up devices on the FT pin and a pull-down device on the ZZ pin, so those input pins can be unconnected and the chip will operate in the default states as specified in the above tables. Note: The burst counter wraps to initial state on the 5th clock. Note: The burst counter wraps to initial state on the 5th clock. Linear Burst Sequence A[1:0] A[1:0] A[1:0] A[1:0] 1st address 00011011 2nd address 01 10 11 00 3rd address 10 11 00 01 4th address 11000110 Interleaved Burst Sequence A[1:0] A[1:0] A[1:0] A[1:0] 1st address 00011011 2nd address 01 00 11 10 3rd address 10110001 4th address 11100100 Burst Counter Sequences BPR 1999.05.18 |
Número de pieza similar - GS8161E36BD-250I |
|
Descripción similar - GS8161E36BD-250I |