Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GS8320ZV36T-250 Datasheet(PDF) 9 Page - GSI Technology |
|
GS8320ZV36T-250 Datasheet(HTML) 9 Page - GSI Technology |
9 / 23 page GS8320ZV18/36T-250/225/200/166/150/133 Preliminary Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.01 10/2004 9/23 © 2001, GSI Technology Pipeline Mode Data I/O State Diagram Intermediate Intermediate Intermediate Intermediate Intermediate Intermediate High Z (Data In) Data Out (Q Valid) High Z B W B R B D R W R W D D Current State (n) Next State (n+2) Transition ƒ Input Command Code Key Transition Intermediate State (N+1) Notes: 1. The Hold command (CKE Low) is not shown because it prevents any state change. 2. W, R, B, and D represent input command codes as indicated in the Truth Tables. Clock (CK) Command Current State Intermediate ƒ n n+1 n+2 n+3 ƒƒƒ Current State and Next State Definition for Pipeline Mode Data I/O State Diagram Next State State |
Número de pieza similar - GS8320ZV36T-250 |
|
Descripción similar - GS8320ZV36T-250 |