Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GS8342R08E-300I Datasheet(PDF) 11 Page - GSI Technology |
|
GS8342R08E-300I Datasheet(HTML) 11 Page - GSI Technology |
11 / 37 page B4 Byte Write Clock Truth Table BW BW BW BW Current Operation D D D D K ↑ (tn+1) K ↑ (tn+1½) K ↑ (tn+2) K ↑ (tn+2½) K ↑ (tn) K ↑ (tn+1) K ↑ (tn+1½) K ↑ (tn+2) K ↑ (tn+2½) T T T T Write Dx stored if BWn = 0 in all four data transfers D0 D2 D3 D4 T F F F Write Dx stored if BWn = 0 in 1st data transfer only D0 X X X F T F F Write Dx stored if BWn = 0 in 2nd data transfer only X D1 X X F F T F Write Dx stored if BWn = 0 in 3rd data transfer only X X D2 X F F F T Write Dx stored if BWn = 0 in 4th data transfer only X X X D3 F F F F Write Abort No Dx stored in any of the four data transfers X X X X Notes: 1. “1” = input “high”; “0” = input “low”; “X” = input “don’t care”; “T” = input “true”; “F” = input “false”. 2. If one or more BWn = 0, then BW = “T”, else BW = “F”. Preliminary GS8342R08/09/18/36E-333/300/250/200/167 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.02 8/2005 11/37 © 2003, GSI Technology |
Número de pieza similar - GS8342R08E-300I |
|
Descripción similar - GS8342R08E-300I |