Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GS74104J-12I Datasheet(PDF) 4 Page - GSI Technology |
|
GS74104J-12I Datasheet(HTML) 4 Page - GSI Technology |
4 / 12 page Rev: 1.07 1/2001 4/12 © 1999, Giga Semiconductor, Inc. Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. GS74104TP/J Notes: 1. Tested at TA = 25°C, f = 1 MHz 2. These parameters are sampled and are not 100% tested. Capacitance Parameter Symbol Test Condition Max Unit Input Capacitance CIN VIN = 0 V 5 pF Output Capacitance COUT VOUT = 0 V 7 pF DC I/O Pin Characteristics Parameter Symbol Test Conditions Min Max Input Leakage Current IIL VIN = 0 to VDD – 1 uA 1 uA Output Leakage Current ILO Output High Z VOUT = 0 to VDD –1 uA 1 uA Output High Voltage VOH IOH = –4mA 2.4 — Output Low Voltage VOL ILO = +4mA — 0.4 V |
Número de pieza similar - GS74104J-12I |
|
Descripción similar - GS74104J-12I |