Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS84118AB-100I Datasheet(PDF) 9 Page - GSI Technology

No. de pieza GS84118AB-100I
Descripción Electrónicos  256K x 18 Sync Cache Tag
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS84118AB-100I Datasheet(HTML) 9 Page - GSI Technology

Back Button GS84118AB-100I Datasheet HTML 5Page - GSI Technology GS84118AB-100I Datasheet HTML 6Page - GSI Technology GS84118AB-100I Datasheet HTML 7Page - GSI Technology GS84118AB-100I Datasheet HTML 8Page - GSI Technology GS84118AB-100I Datasheet HTML 9Page - GSI Technology GS84118AB-100I Datasheet HTML 10Page - GSI Technology GS84118AB-100I Datasheet HTML 11Page - GSI Technology GS84118AB-100I Datasheet HTML 12Page - GSI Technology GS84118AB-100I Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
GS84118AT/B-166/150/130/100
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 4/2005
9/20
© 2001, GSI Technology
Notes:
1. Junction temperature is a function of SRAM power dissapation, package thermal resistance, mounting board temperature, ambient.
Temperature air flow, board density, and PCB thermal resistance.
2. SCMI G-38-87.
3. Average thermal resistance between die and top surface, MIL SPEC-883, Method 1012.1.
Package Thermal Characteristics
Rating
Layer Board
Symbol
TQFP max PBGA max
Unit
Notes
Junction to Ambient (at 200 lfm)
single
RΘJA
32
28
°C/W
1,2
Junction to Ambient (at 200 lfm)
four
RΘJA
20
18
°C/W
1,2
Junction to Case (TOP)
RΘJC
74
°C/W
3
Notes:
1. Include scope and jig capacitance.
2. Test conditions as specified with output loading as shown in Fig. 1
unless otherwise noted.
3. Output load 2 for tLZ, tHZ, tOLZ and tOHZ.
4. Device is deselected as defined by the Truth Table.
AC Test Conditions
(VDD = 3.135 V–3.6 V, Ta = 0–70
°C)
Parameter
Conditions
Input high level
VIH = 2.3 V
Input low level
VIL = 0.2 V
Input slew rate
TR = 1 V/ns
Input reference level
1.25 V
Output reference level
1.25 V
Output load
Fig. 1& 2
DQ
VT = 1.25 V
50W 30pF1
DQ
2.5 V
FIG. 1
Output load 1
Output load 2
FIG. 2
225W
225W
5pF1


Número de pieza similar - GS84118AB-100I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS84118B-100 GSI-GS84118B-100 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
GS84118B-100I GSI-GS84118B-100I Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
GS84118B-133 GSI-GS84118B-133 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
GS84118B-150 GSI-GS84118B-150 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
GS84118B-150I GSI-GS84118B-150I Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
More results

Descripción similar - GS84118AB-100I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS841E18AT GSI-GS841E18AT Datasheet
600Kb / 21P
   256K x 18 Sync Cache Tag
GS84118T-166 GSI-GS84118T-166 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
logo
Cypress Semiconductor
CY7C1359A CYPRESS-CY7C1359A Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0436V1P WEIDA-WCSS0436V1P Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com