Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GS816272CC-333 Datasheet(PDF) 3 Page - GSI Technology |
|
GS816272CC-333 Datasheet(HTML) 3 Page - GSI Technology |
3 / 31 page GS816272CC-333/300/250/200/150 Preliminary Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.01 2/2005 3/31 © 2004, GSI Technology BPR1999.05.18 GS816272C BGA Pin Description Symbol Type Description A0, A1 I Address field LSBs and Address Counter Preset Inputs. A I Address Inputs DQA DQB DQC DQD DQE DQF DQG DQH I/O Data Input and Output pins BA, BB, BC,BD, BE, BF, BG,BH I Byte Write Enable for DQA, DQB, DQC, DQD, DQE, DQF, DQG, DQH I/Os; active low NC — No Connect CK I Clock Input Signal; active high GW I Global Write Enable—Writes all bytes; active low E1, E3 I Chip Enable; active low E2 I Chip Enable; active high G I Output Enable; active low ADV I Burst address counter advance enable; active low ADSP, ADSC I Address Strobe (Processor, Cache Controller); active low ZZ I Sleep Mode control; active high FT I Flow Through or Pipeline mode; active low LBO I Linear Burst Order mode; active low SCD I Single Cycle Deselect/Dual Cycle Deselect Mode Control MCH I Must Connect High MCL Must Connect Low BW I Byte Enable; active low ZQ I FLXDrive Output Impedance Control (Low = Low Impedance [High Drive], High = High Impedance [Low Drive]) TMS I Scan Test Mode Select TDI I Scan Test Data In TDO O Scan Test Data Out TCK I Scan Test Clock VDD I Core power supply VSS I I/O and Core Ground VDDQ I Output driver power supply |
Número de pieza similar - GS816272CC-333 |
|
Descripción similar - GS816272CC-333 |