Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS816118BGD-250 Datasheet(PDF) 30 Page - GSI Technology

No. de pieza GS816118BGD-250
Descripción Electrónicos  1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816118BGD-250 Datasheet(HTML) 30 Page - GSI Technology

Back Button GS816118BGD-250 Datasheet HTML 26Page - GSI Technology GS816118BGD-250 Datasheet HTML 27Page - GSI Technology GS816118BGD-250 Datasheet HTML 28Page - GSI Technology GS816118BGD-250 Datasheet HTML 29Page - GSI Technology GS816118BGD-250 Datasheet HTML 30Page - GSI Technology GS816118BGD-250 Datasheet HTML 31Page - GSI Technology GS816118BGD-250 Datasheet HTML 32Page - GSI Technology GS816118BGD-250 Datasheet HTML 33Page - GSI Technology GS816118BGD-250 Datasheet HTML 34Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
GS816118B(T/D)/GS816132B(D)/GS816136B(T/D)
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 9/2005
30/35
© 2004, GSI Technology
JTAG Port Timing Diagram
tTH
tTS
tTKQ
tTH
tTS
tTH
tTS
tTKL
tTKL
tTKH
tTKH
tTKC
tTKC
TCK
TDI
TMS
TDO
Parallel SRAM input
JTAG Port AC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
TCK Cycle Time
tTKC
50
ns
TCK Low to TDO Valid
tTKQ
20
ns
TCK High Pulse Width
tTKH
20
ns
TCK Low Pulse Width
tTKL
20
ns
TDI & TMS Set Up Time
tTS
10
ns
TDI & TMS Hold Time
tTH
10
ns
Boundary Scan (BSDL Files)
For information regarding the Boundary Scan Chain, or to obtain BSDL files for this part, please contact our Applications
Engineering Department at: apps@gsitechnology.com.


Número de pieza similar - GS816118BGD-250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS816118BGD-250IV GSI-GS816118BGD-250IV Datasheet
1Mb / 34P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816118BGD-250V GSI-GS816118BGD-250V Datasheet
1Mb / 34P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results

Descripción similar - GS816118BGD-250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018DGT-250I GSI-GS816018DGT-250I Datasheet
255Kb / 25P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160EV18AT GSI-GS8160EV18AT Datasheet
490Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18 GSI-GS8161E18 Datasheet
946Kb / 36P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT-V GSI-GS816018BT-V Datasheet
927Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018 GSI-GS816018 Datasheet
810Kb / 28P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816036DGT-250IV GSI-GS816036DGT-250IV Datasheet
245Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
logo
List of Unclassifed Man...
GS816118 ETC1-GS816118 Datasheet
901Kb / 36P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com