Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GS832132E-250I Datasheet(PDF) 8 Page - GSI Technology |
|
GS832132E-250I Datasheet(HTML) 8 Page - GSI Technology |
8 / 32 page GS832118/32/36E-250/225/200/166/150/133 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.03 4/2005 8/32 © 2003, GSI Technology Byte Write Truth Table Function GW BW BA BB BC BD Notes Read H H X X X X 1 Read H L H H H H 1 Write byte a H L L H H H 2, 3 Write byte b H L H L H H 2, 3 Write byte c H L H H L H 2, 3, 4 Write byte d H L H H H L 2, 3, 4 Write all bytes H L L L L L 2, 3, 4 Write all bytes L X X X X X Notes: 1. All byte outputs are active in read cycles regardless of the state of Byte Write Enable inputs. 2. Byte Write Enable inputs BA, BB, BC and/or BD may be used in any combination with BW to write single or multiple bytes. 3. All byte I/Os remain High-Z during all write operations regardless of the state of Byte Write Enable inputs. 4. Bytes “C” and “D” are only available on the x36 version. |
Número de pieza similar - GS832132E-250I |
|
Descripción similar - GS832132E-250I |