Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GS864436E-166I Datasheet(PDF) 4 Page - GSI Technology |
|
GS864436E-166I Datasheet(HTML) 4 Page - GSI Technology |
4 / 32 page Preliminary GS864418/36E-xxxV Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.05 6/2006 4/32 © 2003, GSI Technology GS864418/36E-xxxV 165-Bump BGA Pin Description Symbol Type Description A0, A1 I Address field LSBs and Address Counter Preset Inputs A I Address Inputs DQA DQB DQC DQD I/O Data Input and Output pins BA, BB, BC, BD I Byte Write Enable for DQA, DQB, DQC, DQD I/Os; active low (x36 Version) NC — No Connect CK I Clock Input Signal; active high BW I Byte Write—Writes all enabled bytes; active low GW I Global Write Enable—Writes all bytes; active low E1 I Chip Enable; active low E3 I Chip Enable; active low E2 I Chip Enable; active high G I Output Enable; active low ADV I Burst address counter advance enable; active l0w ADSC, ADSP I Address Strobe (Processor, Cache Controller); active low ZZ I Sleep mode control; active high FT I Flow Through or Pipeline mode; active low LBO I Linear Burst Order mode; active low ZQ I FLXDrive Output Impedance Control (Low = Low Impedance [High Drive], High = High Impedance [Low Drive]) TMS I Scan Test Mode Select TDI I Scan Test Data In TDO O Scan Test Data Out TCK I Scan Test Clock MCL — Must Connect Low SCD — Single Cycle Deselect/Dual Cyle Deselect Mode Control VDD I Core power supply VSS I I/O and Core Ground VDDQ I Output driver power supply |
Número de pieza similar - GS864436E-166I |
|
Descripción similar - GS864436E-166I |