Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABT646AD Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza 74ABT646AD
Descripción Electrónicos  Octal bus transceiver/register 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT646AD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ABT646AD Datasheet HTML 4Page - NXP Semiconductors 74ABT646AD Datasheet HTML 5Page - NXP Semiconductors 74ABT646AD Datasheet HTML 6Page - NXP Semiconductors 74ABT646AD Datasheet HTML 7Page - NXP Semiconductors 74ABT646AD Datasheet HTML 8Page - NXP Semiconductors 74ABT646AD Datasheet HTML 9Page - NXP Semiconductors 74ABT646AD Datasheet HTML 10Page - NXP Semiconductors 74ABT646AD Datasheet HTML 11Page - NXP Semiconductors 74ABT646AD Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74ABT646A
Octal bus transceiver/register (3-State)
1998 Feb 17
8
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
VM
VM
VM
VM
VM
1/fMAX
tw(H)
tw(L)
tPHL
tPLH
CPBA or
CPAB
An or Bn
SA00087
Waveform 1. Propagation Delay, Clock Input to Output,
Clock Pulse Width, and Maximum Clock Frequency
SBA or SAB
VM
tPLH
tPHL
VM
VM
VM
An or Bn
An or Bn
An or Bn
SA00088
Waveform 2. Propagation Delay, SAB to Bn or SBA to An,
An to Bn or Bn to An
VM
tPHL
tPLH
VM
VM
VM
SBA or SAB
An or Bn
SA00089
Waveform 3. Propagation Delay, SBA to An or SAB to Bn
VM
An or Bn
VM
VM
VM
VM
VM
CPBA or
CPAB
ts(H)
th(H)
ts(L)
th(L)
SA00090
NOTE: The shaded areas indicate when the input is permitted
to change for predictable output performance.
tW(L)
Waveform 4. Data Setup and Hold Times
OE, DIR
VM
tPZH
tPHZ
0V
VOH –0.3V
VM
VM
An or Bn
DIR
SA00091
Waveform 5. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
tPZL
tPLZ
0V
VOL +0.3V
VM
VM
VM
OE, DIR
An or Bn
DIR
SA00092
Waveform 6. 3-State Output Enable Time to Low Level
and Output Disable Time from Low Level


Número de pieza similar - 74ABT646AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABT646AD NXP-74ABT646AD Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74ABT646ADB NXP-74ABT646ADB Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
More results

Descripción similar - 74ABT646AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
   Octal bus transceiver/register; 3-state
September 1993
logo
Toshiba Semiconductor
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
   HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
logo
NXP Semiconductors
74LVC646A PHILIPS-74LVC646A Datasheet
138Kb / 16P
   Octal bus transceiver/register 3-State
1998 Jul 29
74HC646 PHILIPS-74HC646 Datasheet
91Kb / 12P
   Octal bus transceiver/register; 3-state
September 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com