Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMX2515LQX0701 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LMX2515LQX0701
Descripción Electrónicos  PLLatinum??Frequency Synthesizer System with Integrated VCO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2515LQX0701 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMX2515LQX0701 Datasheet HTML 1Page - National Semiconductor (TI) LMX2515LQX0701 Datasheet HTML 2Page - National Semiconductor (TI) LMX2515LQX0701 Datasheet HTML 3Page - National Semiconductor (TI) LMX2515LQX0701 Datasheet HTML 4Page - National Semiconductor (TI) LMX2515LQX0701 Datasheet HTML 5Page - National Semiconductor (TI) LMX2515LQX0701 Datasheet HTML 6Page - National Semiconductor (TI) LMX2515LQX0701 Datasheet HTML 7Page - National Semiconductor (TI) LMX2515LQX0701 Datasheet HTML 8Page - National Semiconductor (TI) LMX2515LQX0701 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Absolute Maximum Ratings (Notes 3, 4,
5)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Parameter
Symbol
Ratings
Units
Supply Voltage
V
CC,VDD -0.5 to 3.6
V
Voltage on any pin with
GND
V
I
-0.3 to V
CC+0.3 V
-0.3 to V
DD+0.3 V
Storage Temperature
Range
T
STG
-65 to 150
˚C
Recommended Operating
Conditions
Parameter
Symbol
Min Typ Max Unit
Ambient Temperature
T
A
-30 25
85
˚C
Supply Voltage (to GND) V
CC,VDD
2.5
3.3
V
Note 3: Absolute Maximum Ratings indicate limits beyond which damage to
the device may occur. Recommended Operating Conditions indicate condi-
tions for which the device is intended to be functional, but do not guarantee
specific performance limits. For guaranteed specifications and test condi-
tions, refer to the Electrical Characteristics section. The guaranteed specifi-
cations apply only for the conditions listed.
Note 4: This device is a high performance RF integrated circuit with an ESD
rating < 2 kV and is ESD sensitive. Handling and assembly of this device
should be done at ESD protected workstations.
Note 5: GND=0V.
Electrical Characteristics (V
IN = 2.8 V, refer to Typical Application Circuit; Limits in standard typeface are
for T
A = 25 ˚C; Limits in boldface type apply over the operating temperature range from -20 ˚C
≤ T
A
≤ 75 ˚C unless other-
wise noted.)
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
CC PARAMETERS
I
CC +IDD
Supply Current
LMX2515LQ0701
OB_CRL [1:0] = 11
11.5
13.0
13.3
mA
OB_CRL [1:0] = 00
10.0
11.5
11.8
mA
LMX2515LQ1321
OB_CRL [1:0] = 11
16.0
17.5
17.8
mA
OB_CRL [1:0] = 00
14.2
15.6
15.9
mA
Power Down Current
CE = LOW or
RF_PD = 1
20
µA
REFERENCE OSCILLATOR PARAMETERS
f
OSCin
Reference Oscillator Input Frequency
(Note 6)
12.6/14.4/25.2/26.0 MHz are
supported.
12.6
14.4
26.0
MHz
V
OSCin
Reference Oscillator Input Sensitivity
0.5
V
CC
Vp-p
RF VCO
f
RFout
Frequency Range LMX2515LQ0701
633.15
768
MHz
LMX2515LQ1321
1270.22
1394.95
MHz
P
RFout
Output Power
LMX2515LQ0701
OB_CRL [1:0] = 11
-6
-3
0
dBm
OB_CRL [1:0] = 10
-9
-6
-3
dBm
OB_CRL [1:0] = 01
-11
-8
-5
dBm
OB_CRL [1:0] = 00
-15
-12
-9
dBm
LMX2515LQ1321
OB_CRL [1:0] = 11
-5
-2
1
dBm
OB_CRL [1:0] = 10
-7
-4
-1
dBm
OB_CRL [1:0] = 01
-10
-7
-4
dBm
OB_CRL [1:0] = 00
-13
-10
-7
dBm
Lock Time
Full frequency span in High
Speed Mode.
300
(Note 8)
µs
Full frequency span in
Normal Mode.
500
(Note 8)
µs
375
(Note 9)
µs
RMS Phase Error
1.3
degrees
www.national.com
5


Número de pieza similar - LMX2515LQX0701

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMX2512 NSC-LMX2512 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
LMX2512LQ0967 NSC-LMX2512LQ0967 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2512LQ0967/NOPB TI1-LMX2512LQ0967/NOPB Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2512LQ1065 NSC-LMX2512LQ1065 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
LMX2512LQX0967 NSC-LMX2512LQX0967 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
More results

Descripción similar - LMX2515LQX0701

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMX2502 NSC-LMX2502 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2502 TI1-LMX2502 Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2542 NSC-LMX2542 Datasheet
253Kb / 22P
   PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
LMX2525 NSC-LMX2525 Datasheet
237Kb / 17P
   PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
LMX2541 NSC-LMX2541 Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2522 TI1-LMX2522 Datasheet
853Kb / 26P
[Old version datasheet]   LMX2522/LMX2532 PLLatinum??Frequency Synthesizer System with Integrated VCOs
LMX2541SQ2060E_NOPB TI1-LMX2541SQ2060E_NOPB Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQE2060E TI-LMX2541SQE2060E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com