Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GS832036GT-133IV Datasheet(PDF) 5 Page - GSI Technology |
|
GS832036GT-133IV Datasheet(HTML) 5 Page - GSI Technology |
5 / 24 page TQFP Pin Description Symbol Type Description A0, A1 I Address field LSBs and Address Counter preset Inputs A I Address Inputs DQA DQB1 DQC DQD I/O Data Input and Output pins NC No Connect BW I Byte Write—Writes all enabled bytes; active low BA, BB I Byte Write Enable for DQA, DQB Data I/Os; active low BC, BD I Byte Write Enable for DQC, DQD Data I/Os; active low CK I Clock Input Signal; active high GW I Global Write Enable—Writes all bytes; active low E1, E3 I Chip Enable; active low E2 I Chip Enable; active high G I Output Enable; active low ADV I Burst address counter advance enable; active low ADSP, ADSC I Address Strobe (Processor, Cache Controller); active low ZZ I Sleep Mode control; active high FT I Flow Through or Pipeline mode; active low LBO I Linear Burst Order mode; active low VDD I Core power supply VSS I I/O and Core Ground VDDQ I Output driver power supply GS832018/32/36T-xxxV Preliminary Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.03 6/2006 5/24 © 2003, GSI Technology |
Número de pieza similar - GS832036GT-133IV |
|
Descripción similar - GS832036GT-133IV |