Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABT651DB Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74ABT651DB
Descripción Electrónicos  Octal transceiver/register, inverting 3-State
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT651DB Datasheet(HTML) 3 Page - NXP Semiconductors

  74ABT651DB Datasheet HTML 1Page - NXP Semiconductors 74ABT651DB Datasheet HTML 2Page - NXP Semiconductors 74ABT651DB Datasheet HTML 3Page - NXP Semiconductors 74ABT651DB Datasheet HTML 4Page - NXP Semiconductors 74ABT651DB Datasheet HTML 5Page - NXP Semiconductors 74ABT651DB Datasheet HTML 6Page - NXP Semiconductors 74ABT651DB Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
74ABT651
Octal transceiver/register, inverting (3-State)
1995 Sep 06
3
FUNCTION TABLE
INPUTS
DATA I/O
OPERATING MODE
OEAB
OEBA
CPAB
CPBA
SAB
SBA
An
Bn
OPERATING MODE
L
L
H
H
H or L
H or L
X
X
X
X
Input
Input
Isolation
Store A and B data
X
H
H
H
H or L
X
**
X
X
Input
Unspecified
output*
Store A, Hold B
Store A in both registers
L
L
X
L
H or L
X
X
X
**
Unspecified
output*
Input
Hold A, Store B
Store B in both registers
L
L
L
L
X
X
X
H or L
X
X
L
H
Output
Input
Real time B data to A bus
Stored B data to A bus
H
H
H
H
X
H or L
X
X
L
H
X
X
Input
Output
Real time A data to B bus
Store A data to B bus
H
L
H or L
H or L
H
H
Output
Output
Stored A data to B bus
Stored B data to A bus
H = High voltage level
L
= Low voltage level
X = Don’t care
↑ = Low-to-High clock transition
*
The data output function may be enabled or disabled by various signals at the OEBA and OEAB inputs. Data input functions are always
enabled, i.e., data at the bus pins will be stored on every Low-to-High transition of the clock.
**
If both Select controls (SAB and SBA) are Low, then clocks can occur simultaneously. If either Select control is High, the clocks must be
staggered in order to load both registers.
LOGIC DIAGRAM
1D
C1
Q
19
18
17
16
15
14
13
B1
B2
B3
B4
B5
B6
B7
5
6
7
8
9
10
11
A1
A2
A3
A4
A5
A6
A7
DETAIL A X 7
OEBA
OEAB
CPBA
SBA
CPAB
SAB
21
3
23
22
1
2
20
B0
1D
C1
Q
4
A0
1of 8 Channels
SA00098


Número de pieza similar - 74ABT651DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ABT652 FAIRCHILD-74ABT652 Datasheet
92Kb / 10P
   Octal Transceivers and Registers with 3-STATE Outputs
logo
NXP Semiconductors
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652AD PHILIPS-74ABT652AD Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74ABT652AD NXP-74ABT652AD Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
More results

Descripción similar - 74ABT651DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
74HC648 PHILIPS-74HC648 Datasheet
95Kb / 12P
   Octal bus transceiver/register; 3-state; inverting
December 1990
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
NXP Semiconductors
74LVT652 PHILIPS-74LVT652 Datasheet
110Kb / 14P
   3.3V Octal transceiver/register, non-inverting 3-State
1998 Feb 19
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com