Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HN29V102414 Datasheet(PDF) 4 Page - Renesas Technology Corp

No. de pieza HN29V102414
Descripción Electrónicos  1G AND type Flash Memory More than 32,113-sector (542,581,248-bit) x 2
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN29V102414 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HN29V102414 Datasheet HTML 1Page - Renesas Technology Corp HN29V102414 Datasheet HTML 2Page - Renesas Technology Corp HN29V102414 Datasheet HTML 3Page - Renesas Technology Corp HN29V102414 Datasheet HTML 4Page - Renesas Technology Corp HN29V102414 Datasheet HTML 5Page - Renesas Technology Corp HN29V102414 Datasheet HTML 6Page - Renesas Technology Corp HN29V102414 Datasheet HTML 7Page - Renesas Technology Corp HN29V102414 Datasheet HTML 8Page - Renesas Technology Corp HN29V102414 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
HN29V102414 Series
2
• Erase mode
 Single sector erase ((2048 + 64) byte unit)
• Fast serial read access time:
 First access time: 50 µs (max)
 Serial access time: 50 ns (max)
• Low power dissipation:
 I
CC1 = 2 mA (typ) (Read) (1-chip operation)
I
CC1 = 4 mA (typ) (Read) (2-chip operation)
 I
CC2 = 20 mA (max) (Read) (1-chip operation)
I
CC2 = 40 mA (max) (Read) (2-chip operation)
 I
SB2 = 50 µA (max) (Standby) (1-chip operation)
I
SB2 = 100 µA (max) (Standby) (2-chip operation)
 I
CC3/ICC4 = 40 mA (max) (Erase/Program) (1-chip operation)
I
CC3/ICC4 = 80 mA (max) (Erase/Program) (2-chip operation)
 I
SB3 = 20 µA (max) (Deep standby) (1-chip operation)
I
SB3 = 40 µA (max) (Deep standby) (2-chip operation)
• The following architecture is required for data reliability.
 Error correction: more than 3-bit error correction per each sector read
 Spare sectors: 1.8% (579 sectors)/chip (min) within usable sectors
Ordering Information
Type No.
Available sector
Package
HN29V102414T-50
More than 64,226 sectors
12.0
× 18.40 mm2 0.5 mm pitch
48-pin plastic TSOP I (TFP-48DA)


Número de pieza similar - HN29V102414

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HN29V1G91T-30 RENESAS-HN29V1G91T-30 Datasheet
1Mb / 92P
   128M X 8-bit AG-AND Flash Memory
Rev. 4.00 Jul.20.2004
More results

Descripción similar - HN29V102414

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HN29V51211 HITACHI-HN29V51211 Datasheet
306Kb / 42P
   512M AND type Flash Memory More than 32,113-sector (542,581,248-bit)
logo
Renesas Technology Corp
HN29V25611AT-50H RENESAS-HN29V25611AT-50H Datasheet
349Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
HN29V25611AT-50 RENESAS-HN29V25611AT-50 Datasheet
351Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Hitachi Semiconductor
HN29W12811 HITACHI-HN29W12811 Datasheet
315Kb / 42P
   128M AND type Flash Memory More than 8,029-sector (135,657,984-bit)
HN29W25611 HITACHI-HN29W25611 Datasheet
347Kb / 43P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
HN29W25611T HITACHI-HN29W25611T Datasheet
331Kb / 42P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Macronix International
MX30LF1G08AA-XKI MCNIX-MX30LF1G08AA-XKI Datasheet
766Kb / 48P
   1G-bit NAND Flash Memory
logo
Samsung semiconductor
K9WAG08U1A SAMSUNG-K9WAG08U1A Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9G8G08U0A SAMSUNG-K9G8G08U0A Datasheet
1Mb / 45P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9L8G08U1A SAMSUNG-K9L8G08U1A Datasheet
730Kb / 44P
   512M x 8 Bit / 1G x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com