Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABT899DB Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza 74ABT899DB
Descripción Electrónicos  9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT899DB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ABT899DB Datasheet HTML 4Page - NXP Semiconductors 74ABT899DB Datasheet HTML 5Page - NXP Semiconductors 74ABT899DB Datasheet HTML 6Page - NXP Semiconductors 74ABT899DB Datasheet HTML 7Page - NXP Semiconductors 74ABT899DB Datasheet HTML 8Page - NXP Semiconductors 74ABT899DB Datasheet HTML 9Page - NXP Semiconductors 74ABT899DB Datasheet HTML 10Page - NXP Semiconductors 74ABT899DB Datasheet HTML 11Page - NXP Semiconductors 74ABT899DB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Product specification
74ABT899
9-bit dual latch transceiver with 8-bit parity
generator/checker (3-State)
1998 Jan 16
8
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
An, APAR
(Bn, BPAR)
VM
tPLH
tPHL
VM
VM
VM
Bn, BPAR
(An, APAR)
SEL
1
INPUT
OUTPUT
SA00293
Waveform 1. Propagation Delay, An to Bn, Bn to An, APAR to BPAR, BPAR to APAR
An
(Bn)
tPLH
VM
VM
VM
BPAR
(APAR)
LEA
(LEB)
1
INPUT
OUTPUT
ODD/EVEN
0
SEL
0
tPHL
VM
ODD PARITY
EVEN PARITY
ODD PARITY
NOTE: Only even parity mode is shown, odd parity mode would be with ODD/EVEN = 1
SA00294
Waveform 2. Propagation Delay, An to BPAR or Bn to APAR
An
(Bn)
tPHL
VM
VM
VM
ERRA
(ERRB)
LEA
(LEB)
1
INPUT
OUTPUT
APAR
(BPAR)
0
ODD/EVEN
0
tPLH
VM
ODD PARITY
EVEN PARITY
ODD PARITY
NOTE: Only even parity mode is shown, odd parity mode would be with ODD/EVEN = 1
SA00295
Waveform 3. Propagation Delay, An to ERRA or Bn to ERRB


Número de pieza similar - 74ABT899DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ABT899CMSA FAIRCHILD-74ABT899CMSA Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ABT899CQC FAIRCHILD-74ABT899CQC Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ABT899CSC FAIRCHILD-74ABT899CSC Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
More results

Descripción similar - 74ABT899DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABT853 PHILIPS-74ABT853 Datasheet
82Kb / 7P
   8-bit transceiver with 9-bit parity checker/ generator and flag latch 3-State
1995 Sep 06
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com