Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC125D Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74AHC125D
Descripción Electrónicos  Quad buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC125D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AHC125D Datasheet HTML 5Page - NXP Semiconductors 74AHC125D Datasheet HTML 6Page - NXP Semiconductors 74AHC125D Datasheet HTML 7Page - NXP Semiconductors 74AHC125D Datasheet HTML 8Page - NXP Semiconductors 74AHC125D Datasheet HTML 9Page - NXP Semiconductors 74AHC125D Datasheet HTML 10Page - NXP Semiconductors 74AHC125D Datasheet HTML 11Page - NXP Semiconductors 74AHC125D Datasheet HTML 12Page - NXP Semiconductors 74AHC125D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1999 Sep 27
9
Philips Semiconductors
Product specification
Quad buffer/line driver; 3-state
74AHC125; 74AHCT125
Type 74AHCT125
GND = 0 V; tr =tf ≤ 3.0 ns.
Note
1. Typical values at VCC = 5.0 V.
AC WAVEFORMS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 4.5 to 5.5 V; note 1
tPHL/tPLH
propagation delay
nA to nY
see Figs 5 and 7 15 pF
3.0
5.5
1.0
6.5
1.0
7.0
ns
tPZH/tPZL
propagation delay
nOE to nY
see Figs 6 and 7
3.4
5.1
1.0
6.0
1.0
6.5
ns
tPHZ/tPLZ
propagation delay
nOE to nY
4.5
6.8
1.0
8.0
1.0
8.5
ns
tPHL/tPLH
propagation delay
nA to nY
see Figs 5 and 7 50 pF
4.3
7.5
1.0
8.5
1.0
9.5
ns
tPZH/tPZL
propagation delay
nOE to nY
see Figs 6 and 7
4.9
7.3
1.0
8.3
1.0
9.5
ns
tPHZ/tPLZ
propagation delay
nOE to nY
6.5
8.8
1.0
10.0
1.0
11.0
ns
Fig.5 The input (nA) to output (nY) propagation delays.
handbook, halfpage
MNA230
tPHL
tPLH
VM
(1)
VM
(1)
nA INPUT
nY OUTPUT
GND
VI
VOH
VOL
FAMILY
VI INPUT
REQUIREMENTS
VM(1)
INPUT
VM(1)
OUTPUT
AHC
GND to VCC
50% VCC
50% VCC
AHCT
GND to 3.0 V
1.5 V
50% VCC


Número de pieza similar - 74AHC125D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC125D NXP-74AHC125D Datasheet
93Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-11 January 2008
logo
Nexperia B.V. All right...
74AHC125D NEXPERIA-74AHC125D Datasheet
250Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 5 - 12 June 2020
74AHC125D-Q100 NEXPERIA-74AHC125D-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
More results

Descripción similar - 74AHC125D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
74ALVC125 NEXPERIA-74ALVC125 Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
logo
NXP Semiconductors
74LV125 PHILIPS-74LV125 Datasheet
111Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
74HC_HCT125 PHILIPS-74HC_HCT125_15 Datasheet
184Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 5-19 January 2015
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com