Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHCT138 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74AHCT138
Descripción Electrónicos  3-to-8 line decoder/demultiplexer; inverting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT138 Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHCT138 Datasheet HTML 1Page - NXP Semiconductors 74AHCT138 Datasheet HTML 2Page - NXP Semiconductors 74AHCT138 Datasheet HTML 3Page - NXP Semiconductors 74AHCT138 Datasheet HTML 4Page - NXP Semiconductors 74AHCT138 Datasheet HTML 5Page - NXP Semiconductors 74AHCT138 Datasheet HTML 6Page - NXP Semiconductors 74AHCT138 Datasheet HTML 7Page - NXP Semiconductors 74AHCT138 Datasheet HTML 8Page - NXP Semiconductors 74AHCT138 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1999 Sep 27
3
Philips Semiconductors
Product specification
3-to-8 line decoder/demultiplexer; inverting
74AHC138;
74AHCT138
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
ORDERING INFORMATION
PINNING
INPUT
OUTPUT
E1
E2
E3
A0
A1
A2
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
H
XXXXX
HHHHHHHH
X
H
XXXX
HHHHHHHH
X
X
L
X
X
X
HHHHHHHH
LL
H
LLLL
HHHHHHH
L
L
HH
L
L
H
L
HHHHHH
L
L
H
L
H
L
HH
L
HHHHH
L
L
HHH
L
HHH
L
HHHH
L
L
H
L
L
HHHHH
L
HHH
L
L
HH
L
HHHHHH
L
H
H
L
L
H
L
HHHHHHHH
L
H
L
L
HHHHHHHHHHH
L
OUTSIDE NORTH
AMERICA
NORTH AMERICA
PACKAGES
PINS
PACKAGE
MATERIAL
CODE
74AHC138D
74AHC138D
16
SO
plastic
SOT109-1
74AHC138PW
74AHC138PW DH
16
TSSOP
plastic
SOT403-1
74AHCT138D
74AHCT138D
16
SO
plastic
SOT109-1
74AHCT138PW
74AHCT138PW DH
16
TSSOP
plastic
SOT403-1
PIN
SYMBOL
DESCRIPTION
1, 2 and 3
A0,A1 and A2
address inputs
4 and 5
E1 and E2
enable inputs (active LOW)
6E3
enable input (active HIGH)
7, 9, 10 11, 12, 13, 14 and 15
Y7 to Y0
outputs (active LOW)
8
GND
ground (0 V)
16
VCC
DC supply voltage


Número de pieza similar - 74AHCT138

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74AHCT138 DIODES-74AHCT138 Datasheet
255Kb / 9P
   3 TO 8 LINE DECODER DEMULTIPLEXER
logo
Nexperia B.V. All right...
74AHCT138 NEXPERIA-74AHCT138 Datasheet
260Kb / 15P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5 - 10 September 2020
74AHCT138-Q100 NEXPERIA-74AHCT138-Q100 Datasheet
718Kb / 17P
   Automotive product qualification in accordance with AEC-Q100
74AHCT138BQ NEXPERIA-74AHCT138BQ Datasheet
260Kb / 15P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5 - 10 September 2020
74AHCT138BQ-Q100 NEXPERIA-74AHCT138BQ-Q100 Datasheet
718Kb / 17P
   Automotive product qualification in accordance with AEC-Q100
More results

Descripción similar - 74AHCT138

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
   3-to-8 Line Decoder/Demultiplexer; Inverting
logo
NXP Semiconductors
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
74LV138 PHILIPS-74LV138_15 Datasheet
113Kb / 17P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
74LVC138A NEXPERIA-74LVC138A Datasheet
258Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 8 - 20 September 2021
logo
NXP Semiconductors
74HC138U NXP-74HC138U Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74HC138D NXP-74HC138D Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74LVC138ABQ PHILIPS-74LVC138ABQ Datasheet
184Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5-19 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com