Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHCT157PWDH Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74AHCT157PWDH
Descripción Electrónicos  Quad 2-input multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT157PWDH Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AHCT157PWDH Datasheet HTML 5Page - NXP Semiconductors 74AHCT157PWDH Datasheet HTML 6Page - NXP Semiconductors 74AHCT157PWDH Datasheet HTML 7Page - NXP Semiconductors 74AHCT157PWDH Datasheet HTML 8Page - NXP Semiconductors 74AHCT157PWDH Datasheet HTML 9Page - NXP Semiconductors 74AHCT157PWDH Datasheet HTML 10Page - NXP Semiconductors 74AHCT157PWDH Datasheet HTML 11Page - NXP Semiconductors 74AHCT157PWDH Datasheet HTML 12Page - NXP Semiconductors 74AHCT157PWDH Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1999 Sep 24
9
Philips Semiconductors
Product specification
Quad 2-input multiplexer
74AHC157;
74AHCT157
AC CHARACTERISTICS
Type 74AHC157
GND = 0 V; tr =tf ≤ 3.0 ns.
Notes
1. Typical values at VCC = 3.3 V.
2. Typical values at VCC = 5.0 V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 3.0 to 3.6 V; note 1
tPHL/tPLH
propagation delay
nI0 to nY; nI1 to nY
see Figs 7 and 8 15 pF
4.4
9.7
1.0
11.5
1.0
12.5
ns
propagation delay
StonY
4.8
13.6
1.0
16.0
1.0
17.0
ns
propagation delay
EtonY
see Figs 6 and 8
5.9
13.2
1.0
15.5
1.0
16.5
ns
propagation delay
nI0 to nY; nI1 to nY
see Figs 7 and 8 50 pF
6.3
13.2
1.0
15.0
1.0
16.5
ns
propagation delay
StonY
6.8
17.1
1.0
19.5
1.0
21.5
ns
propagation delay
EtonY
see Figs 6 and 8
8.4
16.7
1.0
19.0
1.0
21.0
ns
VCC = 4.5 to 5.5 V; note 2
tPHL/tPLH
propagation delay
nI0 to nY; nI1 to nY
see Figs 7 and 8 15 pF
3.2
6.4
1.0
7.5
1.0
8.0
ns
propagation delay
StonY
3.6
8.6
1.0
10.0
1.0
11.0
ns
propagation delay
EtonY
see Figs 6 and 8
4.2
8.1
1.0
9.5
1.0
10.5
ns
propagation delay
nI0 to nY; nI1 to nY
see Figs 7 and 8 50 pF
4.6
8.4
1.0
9.5
1.0
10.5
ns
propagation delay
StonY
5.2
10.6
1.0
12.0
1.0
13.5
ns
propagation delay
EtonY
see Figs 6 and 8
6.0
10.1
1.0
11.5
1.0
13.0
ns


Número de pieza similar - 74AHCT157PWDH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHCT157PW NXP-74AHCT157PW Datasheet
95Kb / 16P
   Quad 2-input multiplexer
Rev. 02-9 November 2007
logo
Nexperia B.V. All right...
74AHCT157PW NEXPERIA-74AHCT157PW Datasheet
264Kb / 15P
   Quad 2-input multiplexer
Rev. 3 - 10 September 2020
74AHCT157PW-Q100 NEXPERIA-74AHCT157PW-Q100 Datasheet
719Kb / 17P
   Automotive product qualification in accordance with AEC-Q100
74AHCT157PW-Q100 NEXPERIA-74AHCT157PW-Q100 Datasheet
264Kb / 15P
   Quad 2-input multiplexer
Rev. 2 - 10 September 2020
More results

Descripción similar - 74AHCT157PWDH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com