Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA-4643-TR1G Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

No. de pieza ADA-4643-TR1G
Descripción Electrónicos  Silicon Bipolar Darlington Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADA-4643-TR1G Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  ADA-4643-TR1G Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADA-4643-TR1G Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADA-4643-TR1G Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADA-4643-TR1G Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADA-4643-TR1G Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADA-4643-TR1G Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADA-4643-TR1G Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADA-4643-TR1G Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADA-4643-TR1G Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
ADA-4643 Typical Scattering Parameters, TA = 25°C, Id = 27 mA
Freq.
S11
S21
S12
S22
K
GHz
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
0.1
0.172
1.1
17.2
7.246
175.9
0.093
-0.8
0.245
-4.1
1.1
0.5
0.202
10
17.04
7.113
160.2
0.091
-4.5
0.245
-12.6
1.1
0.9
0.277
12.3
16.67
6.814
144.7
0.088
-7.4
0.269
-20.4
1.1
1.0
0.286
9.9
16.56
6.726
141.1
0.087
-7.9
0.274
-23.1
1.1
1.5
0.349
-2.8
15.98
6.292
124.2
0.083
-9.3
0.28
-37.6
1.1
1.9
0.375
-11.3
15.54
5.984
111.4
0.080
-9.5
0.273
-48.9
1.2
2.0
0.382
-13.8
15.44
5.918
108.3
0.08
-9.5
0.271
-51.7
1.2
2.5
0.397
-24.2
14.93
5.581
93.2
0.078
-8.9
0.249
-65.8
1.2
3.0
0.402
-34.7
14.47
5.29
78.6
0.078
-7.8
0.22
-81.7
1.3
3.5
0.394
-46
14.02
5.021
64.2
0.079
-6.6
0.192
-100.9
1.3
4.0
0.378
-58.7
13.58
4.775
50
0.082
-5.4
0.176
-123.8
1.3
4.5
0.361
-73.1
13.16
4.55
35.9
0.087
-4.6
0.179
-148.6
1.3
5.0
0.340
-89.3
12.64
4.284
21.9
0.094
-4.9
0.191
-169.9
1.3
5.5
0.328
-107.1
12.15
4.05
8.3
0.102
-5.9
0.212
173.3
1.2
6.0
0.318
-124.8
11.6
3.803
-5.4
0.112
-8.3
0.233
158.2
1.2
6.5
0.299
-141.1
11.09
3.584
-18.6
0.124
-11.5
0.25
141.6
1.1
7.0
0.274
-159.7
10.56
3.371
-32
0.138
-16.5
0.27
123
1.1
7.5
0.243
177.3
9.96
3.149
-45.6
0.150
-22.8
0.3
103.6
1.1
8.0
0.222
148.7
9.29
2.914
-59.1
0.161
-30
0.337
84.8
1.1
8.5
0.226
119.9
8.41
2.632
-71.8
0.168
-36.7
0.381
70.1
1.1
9.0
0.26
95.4
7.62
2.406
-83.7
0.177
-43
0.429
58.4
1.1
9.5
0.305
75.2
6.67
2.155
-96.1
0.187
-49.9
0.481
48.4
1.1
10.0
0.356
60.1
5.82
1.954
-107.1
0.195
-57.3
0.529
39.7
1
Notes:
1. S-parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. The input reference plane is at the end of the input lead. The
output reference plane is at the end of the output lead.


Número de pieza similar - ADA-4643-TR1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4643 AVAGO-ADA-4643 Datasheet
107Kb / 12P
   Silicon Bipolar Darlington Amplifi er
More results

Descripción similar - ADA-4643-TR1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
ADA-4743 HP-ADA-4743 Datasheet
107Kb / 9P
   Silicon Bipolar Darlington Amplifier
ADA-4543 HP-ADA-4543 Datasheet
111Kb / 10P
   Silicon Bipolar Darlington Amplifier
logo
Broadcom Corporation.
ADA-4789 BOARDCOM-ADA-4789 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4789 AVAGO-ADA-4789_15 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
ADA-4789 AVAGO-ADA-4789 Datasheet
385Kb / 13P
   Silicon Bipolar Darlington Amplifier Small Signal Gain Amplifier
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
   Silicon Bipolar Darlington Amplifi er
ADA-4643 AVAGO-ADA-4643 Datasheet
107Kb / 12P
   Silicon Bipolar Darlington Amplifi er
ADA-4743 AVAGO-ADA-4743 Datasheet
103Kb / 9P
   Silicon Bipolar Darlington Amplifi er
logo
New Jersey Semi-Conduct...
MPSU95 NJSEMI-MPSU95 Datasheet
82Kb / 2P
   PNP SILICON DARLINGTON AMPLIFIER TRANSISTOR
logo
ON Semiconductor
MMBTA13LT1 ONSEMI-MMBTA13LT1 Datasheet
235Kb / 8P
   Darlington Amplifier Transistors(NPN Silicon)
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com