Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALS158N Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74ALS158N
Descripción Electrónicos  Data selector/multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS158N Datasheet(HTML) 6 Page - NXP Semiconductors

  74ALS158N Datasheet HTML 1Page - NXP Semiconductors 74ALS158N Datasheet HTML 2Page - NXP Semiconductors 74ALS158N Datasheet HTML 3Page - NXP Semiconductors 74ALS158N Datasheet HTML 4Page - NXP Semiconductors 74ALS158N Datasheet HTML 5Page - NXP Semiconductors 74ALS158N Datasheet HTML 6Page - NXP Semiconductors 74ALS158N Datasheet HTML 7Page - NXP Semiconductors 74ALS158N Datasheet HTML 8Page - NXP Semiconductors 74ALS158N Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Philips Semiconductors
Product specification
74ALS157/74ALS158
Data selector/multiplexer
1991 Feb 08
6
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0.3V
0.3V
tTHL (tff)
INPUT PULSE REQUIREMENTS
Rep.Rate
tw
tTLH
tTHL
1MHz
500ns
2.0ns
2.0ns
Input Pulse Definition
VCC
Family
74ALS
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Totem-pole Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
Amplitude
3.5V
1.3V
VM
SC00005


Número de pieza similar - 74ALS158N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALS151 PHILIPS-74ALS151 Datasheet
98Kb / 8P
   8-input multiplexer
1991 Feb 08
74ALS151D PHILIPS-74ALS151D Datasheet
98Kb / 8P
   8-input multiplexer
1991 Feb 08
74ALS151N PHILIPS-74ALS151N Datasheet
98Kb / 8P
   8-input multiplexer
1991 Feb 08
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
74ALS153D PHILIPS-74ALS153D Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
More results

Descripción similar - 74ALS158N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54LS151 NSC-54LS151 Datasheet
140Kb / 6P
   Data Selector/Multiplexer
logo
NXP Semiconductors
74ALS257 PHILIPS-74ALS257 Datasheet
129Kb / 11P
   Data selector/multiplexer
1991 Feb 08
logo
System Logic Semiconduc...
SL74HC151 SLS-SL74HC151 Datasheet
57Kb / 5P
   8-Input Data Selector/Multiplexer
logo
Integral Corp.
IN74HC151 INTEGRAL-IN74HC151 Datasheet
160Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER
logo
Fairchild Semiconductor
DM74LS253 FAIRCHILD-DM74LS253 Datasheet
56Kb / 6P
   3-STATE Data Selector/Multiplexer
logo
ON Semiconductor
MC74HC151A ONSEMI-MC74HC151A Datasheet
97Kb / 7P
   8-Input Data Selector/Multiplexer
June, 2015 ??Rev. 3
logo
Integral Corp.
IN74ACT151 INTEGRAL-IN74ACT151 Datasheet
194Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER
logo
Motorola, Inc
MC74HC151 MOTOROLA-MC74HC151 Datasheet
91Kb / 6P
   8-INPUT DATA SELECTOR / MULTIPLEXER
MC74HC153 MOTOROLA-MC74HC153 Datasheet
180Kb / 5P
   Dual 4-Input Data Selector/Multiplexer
logo
ON Semiconductor
MC74HC251ADG ONSEMI-MC74HC251ADG Datasheet
146Kb / 9P
   8-Input Data Selector Multiplexer with
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com