Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALS175N Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza 74ALS175N
Descripción Electrónicos  Quad D flip-flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS175N Datasheet(HTML) 5 Page - NXP Semiconductors

  74ALS175N Datasheet HTML 1Page - NXP Semiconductors 74ALS175N Datasheet HTML 2Page - NXP Semiconductors 74ALS175N Datasheet HTML 3Page - NXP Semiconductors 74ALS175N Datasheet HTML 4Page - NXP Semiconductors 74ALS175N Datasheet HTML 5Page - NXP Semiconductors 74ALS175N Datasheet HTML 6Page - NXP Semiconductors 74ALS175N Datasheet HTML 7Page - NXP Semiconductors 74ALS175N Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product specification
74ALS175
Quad D flip-flop
1991 Feb 08
5
AC WAVEFORMS
For all waveforms, VM = 1.3V.
The shaded areas indicate when the input is permitted to change for predictable output performance.
CP
VM
VM
VM
tw(H)
1/fmax
VM
VM
tPLH
tw(L)
tPHL
Qn
VM
VM
Qn
tPLH
tPHL
SF00722
Waveform 1.
Propagation Delay for Clock Input to Output,
Clock Pulse Width,
and Maximum Clock Frequency
CP
VM
VM
VM
VM
tPHL
tREC
MR
Qn
tw(L)
VM
Qn
tPLH
SF00723
Waveform 2.
Master Reset Pulse Width,
Master Reset to Output Delay,
and Master Reset to Clock Recovery Time
th(H)
tsu(H)
CP
SC00064
VM
VM
VM
VM
VM
VM
th(L)
tsu(L)
Dn
Waveform 3.
Data Setup and Hold Times
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0.3V
0.3V
tTHL (tff)
INPUT PULSE REQUIREMENTS
Rep.Rate
tw
tTLH
tTHL
1MHz
500ns
2.0ns
2.0ns
Input Pulse Definition
VCC
Family
74ALS
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Totem-pole Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
Amplitude
3.5V
1.3V
VM
SC00005


Número de pieza similar - 74ALS175N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALS174 PHILIPS-74ALS174 Datasheet
97Kb / 8P
   Hex D flip-flop
1991 Feb 08
logo
Silicon Supplies
74ALS174 SS-74ALS174 Datasheet
715Kb / 5P
   Advanced Low Power Schottky Logic
Rev 1.1 20/01/24
logo
NXP Semiconductors
74ALS174D PHILIPS-74ALS174D Datasheet
97Kb / 8P
   Hex D flip-flop
1991 Feb 08
74ALS174N PHILIPS-74ALS174N Datasheet
97Kb / 8P
   Hex D flip-flop
1991 Feb 08
More results

Descripción similar - 74ALS175N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
SN54LS175 MOTOROLA-SN54LS175 Datasheet
171Kb / 5P
   QUAD D FLIP-FLOP
logo
NXP Semiconductors
74F175A PHILIPS-74F175A Datasheet
82Kb / 10P
   Quad D flip-flop
1996 Mar 12
logo
National Semiconductor ...
MM54C175 NSC-MM54C175 Datasheet
114Kb / 6P
   Quad D Flip-Flop
logo
Texas Instruments
54ACT175 TI1-54ACT175 Datasheet
141Kb / 8P
[Old version datasheet]   Quad D Flip-Flop
logo
National Semiconductor ...
54AC175 NSC-54AC175 Datasheet
141Kb / 8P
   Quad D Flip-Flop
logo
Fairchild Semiconductor
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
   Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
   Quad D-Type Flip-Flop
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
   Quad D-Type Flip-Flop
MM74C175 FAIRCHILD-MM74C175 Datasheet
55Kb / 6P
   Quad D-Type Flip-Flop
logo
Nexperia B.V. All right...
HEF40175B NEXPERIA-HEF40175B Datasheet
238Kb / 13P
   Quad D-type flip-flop
Rev. 10 - 29 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com