Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9879 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD9879
Descripción Electrónicos  Mixed-Signal Front End Set-Top Box, Cable Modem
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9879 Datasheet(HTML) 4 Page - Analog Devices

  AD9879 Datasheet HTML 1Page - Analog Devices AD9879 Datasheet HTML 2Page - Analog Devices AD9879 Datasheet HTML 3Page - Analog Devices AD9879 Datasheet HTML 4Page - Analog Devices AD9879 Datasheet HTML 5Page - Analog Devices AD9879 Datasheet HTML 6Page - Analog Devices AD9879 Datasheet HTML 7Page - Analog Devices AD9879 Datasheet HTML 8Page - Analog Devices AD9879 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
REV. 0
–4–
AD9879
Test
Parameter
Temp
Level
Min
Typ
Max
Unit
CHANNEL-TO-CHANNEL ISOLATION
Tx DAC-to-ADC Isolation (AOUT = 5 MHz)
Isolation between Tx and IQ ADCs
25ºC
III
>60
dB
Isolation between Tx and 10-Bit ADC
25ºC
III
>80
dB
Isolation between Tx and 12-Bit ADC
25ºC
III
>80
dB
ADC-to-ADC (AIN = –0.5 dBFS, f = 5 MHz)
Isolation between IF10 and IF12 ADCs
25ºC
III
>85
dB
Isolation between Q and I Inputs
25ºC
III
>50
dB
TIMING CHARACTERISTICS (10 pF Load)
Minimum RESET Pulsewidth Low (tRL)
N/A
N/A
5
tMCLK Cycles
Digital Output Rise/Fall Time
Full
II
2.8
4
ns
Tx/Rx Interface
MCLK Frequency (fMCLK)
Full
II
66
MHz
TxSYNC/TxIQ Setup Time (tSU)
Full
II
3
ns
TxSYNC/TxIQ Hold Time (tHD)
Full
II
3
ns
MCLK Rising Edge to
RxSYNC/RxIQ/IF Valid Delay (tMD)
Full
II
0
1.0
ns
OSCOUT Rising or Falling Edge to
RxSYNC/RxIQ/IF Valid Delay (tOD)
Full
II
TOSC/4 – 2.0
TOSC/4 + 3.0 ns
OSCOUT Edge to MCLK Falling Edge (tEE)
Full
II
–1.0
+1.0
ns
Serial Control Bus
Maximum SCLK Frequency (fSCLK)
Full
II
15
MHz
Minimum Clock Pulsewidth High (tPWH)
Full
II
30
ns
Minimum Clock Pulsewidth Low (tPWL)
Full
II
30
ns
Maximum Clock Rise/Fall Time
Full
II
1
ms
Minimum Data/Chip-Select Setup Time (tDS)
Full
II
25
ns
Minimum Data Hold Time (tDH)
Full
II
0
ns
Maximum Data Valid Time (tDV)
Full
II
30
ns
CMOS LOGIC INPUTS
Logic “1” Voltage
25ºC
II
VDRVDD – 0.7
V
Logic “0” Voltage
25ºC
II
0.4
V
Logic “1” Current
25ºC
II
12
A
Logic “0” Current
25ºC
II
12
A
Input Capacitance
25ºC
II
3
pF
CMOS LOGIC OUTPUTS (1 mA Load)
Logic “1” Voltage
25ºC
II
VDRVDD – 0.6
V
Logic “0” Voltage
25ºC
II
0.4
V
POWER SUPPLY
Supply Current, IS (Full Operation)
25 CII
163
178
mA
Analog Supply Current, IAS
25ºC
III
95
mA
Digital Supply Current, IDS
25ºC
III
68
mA
Supply Current, IS
Standby (
PWRDN Pin Active)
25ºC
II
119
123
mA
Full Power-Down (Register 2 = 0xF9)
25ºC
III
16
mA
Power-Down Tx Path (Register 2 = 0x60)
25ºC
III
113
mA
Power-Down Rx Paths (Register 2 = 0x19)
25ºC
III
110
mA


Número de pieza similar - AD9879

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9879 AD-AD9879 Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9879-EB AD-AD9879-EB Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9879BS AD-AD9879BS Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9879BSZ AD-AD9879BSZ Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9879 AD-AD9879_05 Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
More results

Descripción similar - AD9879

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9879 AD-AD9879_15 Datasheet
779Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9877 AD-AD9877 Datasheet
1Mb / 36P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. B
AD9877 AD-AD9877_15 Datasheet
1Mb / 36P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. B
AD9879 AD-AD9879_05 Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9873 AD-AD9873_15 Datasheet
932Kb / 39P
   Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
AD9873 AD-AD9873 Datasheet
935Kb / 39P
   Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com