Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF05 Datasheet(PDF) 2 Page - AVX Corporation

No. de pieza BF05
Descripción Electrónicos  Radial Leads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

BF05 Datasheet(HTML) 2 Page - AVX Corporation

  BF05 Datasheet HTML 1Page - AVX Corporation BF05 Datasheet HTML 2Page - AVX Corporation BF05 Datasheet HTML 3Page - AVX Corporation BF05 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
12.7 (0.500)
±0.2 (0.008)
12.7 (0.500)
±1.0 (0.039)
4.0 (0.157)
±0.3 (0.012)
5.08 (0.200)
Thermoadhesive tape
(Other sizes according to standard CEI : 286-2)
Dimensions: millimeters (inches)
BF 01/02/07/06/05/04: Radial Leads
CPM-83 — (pitch = 5.08mm / 0.200 inches)
Case
Quantity
Reel
Ammopack
Bulk
Suffix
DB
DD
DA
DC
- -
x
panasert
avisert
panasert
avisert
USA Std.
Europe /
Asia
Std.
01
2500
2500
1000
5000
02
1800
2000
1000
3800
07
1200
1250
1000
2500
06
900
1100
1000
1500
05
900
1100
1000
1500
04
750
750
1000
1000
Panasert
Avisert
H
16.5 ± 0.30
19.5 ± 0.50
(0.65 ± 0.012)
(0.768 ± 0.020)
Measurement
Capacitance
DF:
Frequency
Performance
Category 2
1kHz
CR ≤ 1µF
≤ 1.0%
100 Hz
CR> 1µF
≤ 1.0%
Measuring
CR <= 0.33µF
CR > 0.33µF
Points
IR min (G
Ω)
IR * CR min
(M
Ω * µF)
Performance Class
Performance Class
22
Between
VR-
VR-
VR-
VR-
Terminals
≤ 100V
> 100V
≤ 100V
> 100V
3.75
7.5
1.25
2.5
Between
≥ 30,000 MΩ
Terminals and
Ground
VR-
63
100
250
400
(dv/dt)R max
38
40
110
270
• Insulation Resistance: IR
• Tangent of Loss Angle: D.F.
PACKAGING
millimeters (inches)
Climatic Category
55/100/56 Performance Class 2
Capacitance Range
C
R 1nF to 2.2µF (E12)
Tolerances on C
R
±5%; ±10%
(other values on request)
Nominal Voltages
VR_ 63/100/250/400V
VR~ 40/ 63/160/200V
Category Voltage
Vc = 0.8V
R- at 100°C
Test Voltage
Ve = 1.6V
R-/2s at 25°C
PERFORMANCE CHARACTERISTICS


Número de pieza similar - BF05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Global Connector Techno...
BF050 GCT-BF050 Datasheet
127Kb / 1P
   2.00mm Pitch Pin Header,Dual Row, Through Hole, Vertical
31st October 2007
BF050-04-A-A-0200-0300 GCT-BF050-04-A-A-0200-0300 Datasheet
127Kb / 1P
   2.00mm Pitch Pin Header,Dual Row, Through Hole, Vertical
31st October 2007
BF050-04-A-A-0400-0300 GCT-BF050-04-A-A-0400-0300 Datasheet
127Kb / 1P
   2.00mm Pitch Pin Header,Dual Row, Through Hole, Vertical
31st October 2007
BF050-04-A-A-0600-0300 GCT-BF050-04-A-A-0600-0300 Datasheet
127Kb / 1P
   2.00mm Pitch Pin Header,Dual Row, Through Hole, Vertical
31st October 2007
BF050-04-A-B-0200-0300 GCT-BF050-04-A-B-0200-0300 Datasheet
127Kb / 1P
   2.00mm Pitch Pin Header,Dual Row, Through Hole, Vertical
31st October 2007
More results

Descripción similar - BF05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
SR211C104KAA AVX-SR211C104KAA Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
SR155E103MAR AVX-SR155E103MAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
SR201A102JAR AVX-SR201A102JAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR201C104KAR AVX-SR201C104KAR Datasheet
262Kb / 8P
   Radial Leads/SkyCap
SR305C474KAR AVX-SR305C474KAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
logo
Frontier Electronics.
18402 FRONTIER-18402_15 Datasheet
141Kb / 2P
   RADIAL LEADS INDUCTORS
logo
AVX Corporation
SR151A101JAA AVX-SR151A101JAA Datasheet
267Kb / 8P
   Radial Leads/SkyCap
MR051A561JAA AVX-MR051A561JAA Datasheet
389Kb / 6P
   Radial Leads/Ceralam
SR215C104KAATR1 AVX-SR215C104KAATR1 Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR301C474KAR AVX-SR301C474KAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com