Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME5131AEEVADJZ Datasheet(PDF) 5 Page - Analog Microelectronics

No. de pieza AME5131AEEVADJZ
Descripción Electrónicos  Low Power DC/DC Boost Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5131AEEVADJZ Datasheet(HTML) 5 Page - Analog Microelectronics

  AME5131AEEVADJZ Datasheet HTML 1Page - Analog Microelectronics AME5131AEEVADJZ Datasheet HTML 2Page - Analog Microelectronics AME5131AEEVADJZ Datasheet HTML 3Page - Analog Microelectronics AME5131AEEVADJZ Datasheet HTML 4Page - Analog Microelectronics AME5131AEEVADJZ Datasheet HTML 5Page - Analog Microelectronics AME5131AEEVADJZ Datasheet HTML 6Page - Analog Microelectronics AME5131AEEVADJZ Datasheet HTML 7Page - Analog Microelectronics AME5131AEEVADJZ Datasheet HTML 8Page - Analog Microelectronics AME5131AEEVADJZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AME, Inc.
5
AME5131
Low Power
DC/DC Boost Converter
n Electrical Specifications
V
IN = 2.4V, EN = VIN, TA = -40
oC to 85oC, typical values are at T
A = 25
oC
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
1.8
5.5
V
Quiescent Current
IQ
32
50
Shutdown Current
ISD
0.1
1
FB Pin Bias Current
IFB
1
Feedback Trip Point
VFB
1.187
1.212 1.237
V
UVP Voltage
UVP
1.5
1.7
V
Switch Current Limit
ICL
350
400
450
mA
Switch RDSON
RDSON
0.6
1
SW leakage current
ISW
1
10
µA
Switch Off Time
tOFF
400
ns
Switch On Time
tON
6
µs
EN Input Current
IEN
0.1
1
µA
EN Input Threshold (High)
VEH
1.3
V
EN Input Threshold (Low)
VEL
0.4
V
Line Regulation
REGLINE
0.3
%/V
Load Regulation
REGLOAD
0.15
%/mA
µA
VSW = 28V
Device Active
IOUT = 0mA, not switching, VFB = 1.3V
VOUT = 18V, IOUT = 10mA, TA=25
oC
VIN = 2.4V; ISW = 200mA
Test Condition
EN = GND
VFB = 1.3V
1.8V ≦ VIN ≦ 5.5V
1.8≦VIN≦5.5V; VOUT =18V;
ILOAD =10mA; Cff = not connected
VIN =2.4V; VOUT =18V;
0mA≦IOUT≦30mA
Device Shutdown
EN = GND or VIN


Número de pieza similar - AME5131AEEVADJZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130 AME-AME5130 Datasheet
550Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130AEEVADJ AME-AME5130AEEVADJ Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130AEEVADJZ AME-AME5130AEEVADJZ Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130AEEVADJZ AME-AME5130AEEVADJZ Datasheet
550Kb / 16P
   Micropower Step-Up DC/DC Converter
More results

Descripción similar - AME5131AEEVADJZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Union Semiconductor, In...
UM1665 UNIONSEMI-UM1665 Datasheet
461Kb / 15P
   Low Power DC/DC Boost Converter
UM1660 UNIONSEMI-UM1660 Datasheet
546Kb / 15P
   Low Power DC/DC Boost Converter
logo
Analog Microelectronics
AME5170 AME-AME5170 Datasheet
86Kb / 13P
   Low Cost Micro Power Boost DC/DC Converter
logo
Fitipower Integrated Te...
FP6795 FITIPOWER-FP6795 Datasheet
574Kb / 9P
   Low-Noise Boost DC-DC Converter
FP6790 FITIPOWER-FP6790 Datasheet
414Kb / 8P
   Low-Noise Boost DC-DC Converter
logo
Global Mixed-mode Techn...
G5125 GMT-G5125 Datasheet
493Kb / 1P
   Micro-Power Boost DC/DC Converter
G5135 GMT-G5135 Datasheet
114Kb / 1P
   Micro-Power Boost DC/DC Converter
logo
Texas Instruments
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
288Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040 TI-TPS61040 Datasheet
299Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
[Old version datasheet]   Low-Power DC-DC Boost Converter in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com