Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDS15CD150J03 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza CDS15CD150J03
Descripción Electrónicos  Miniature Dipped, Mica Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

CDS15CD150J03 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CDS15CD150J03 Datasheet HTML 1Page - List of Unclassifed Manufacturers CDS15CD150J03 Datasheet HTML 2Page - List of Unclassifed Manufacturers CDS15CD150J03 Datasheet HTML 3Page - List of Unclassifed Manufacturers CDS15CD150J03 Datasheet HTML 4Page - List of Unclassifed Manufacturers CDS15CD150J03 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1605 East Rodney French Blvd.
New Bedford, MA 02744
(508) 996-8564, Fax (508) 996-3830
http://www.cornell-dubilier.com
E-mail: cdenb@cornell-dubilier.com
4.006
Miniature Dipped, Mica Capacitors
C ORN ELL
DU BIL I ER
Your Source For Capacitor Solutions
Types CD5, CD6, CD7, CDS5, CDS10, D7, CDS15, CDS19, CDS30
CDE miniature dipped silvered mica capacitors
fit those tight spots in modules and high-density
electronics. In low- and moderate-humidity
applications, these small sizes deliver the same
stability and rugged performance as the standard
dipped units.
Performance Highlights
• Voltage Range: 50 Vdc to 500 Vdc
• Capacitance Range: 1 pF to 40,000 pF
• Capacitance Tolerance:
±12 pF (D), ±12% (E), ±1 pF
(C),
±1% (F), ±2% (G), ±5% (J)
• Temperature Range: –55
°C to +125°C
• 20,000 V/
µs dV/dt pulse capability minimum
Ratings and Dimensions
Measured at point
where phenolic
cone becomes a
cylinder
S
±.031″
.078
″ Max.
no solder
1.250
Min.
T
Max.
L
Max.
H Max.
d
Cap
Catalog
Volt
L
H
T
S
d
pF
Number
Rate
Inches (mm) Inches (mm) Inches (mm) Inches (mm) Inches (mm)
1
CD5CC010D03
300
.270 ( 6.9)
.190 (4.8)
.110 (2.8)
.120 (3.0)
.016 (.4)
1
CDS5CC010D03
300
.250 ( 6.4)
.160 (4.1)
.090 (2.3)
.120 (3.0)
.016 (.4)
1
CD6CD010D03
500
.275 ( 7.0)
.175 (4.4)
.095 (2.4)
.172 (4.4)
.016 (.4)
1
CDS10CD010D03
500
.310 ( 7.9)
.260 (6.6)
.120 (3.0)
.141 (3.6)
.016 (.4)
1
CDS15CD010D03
500
.430 (10.9)
.280 (7.1)
.140 (3.6)
.234 (5.9)
.025 (.6)
2
CD5CC020D03
300
.270 ( 6.9)
.190 (4.8)
.110 (2.8)
.120 (3.0)
.016 (.4)
2
CDS5CC020D03
300
.250 ( 6.4)
.160 (4.1)
.090 (2.3)
.120 (3.0)
.016 (.4)
2
CD6CD020D03
500
.275 ( 7.0)
.175 (4.4)
.095 (2.4)
.172 (4.4)
.016 (.4)
2
CDS10CD020D03
500
.310 ( 7.9)
.260 (6.6)
.120 (3.0)
.141 (3.6)
.016 (.4)
2
CDS15CD020D03
500
.430 (10.9)
.280 (7.1)
.140 (3.6)
.234 (5.9)
.025 (.6)
3
CD5CC030D03
300
.270 ( 6.9)
.190 (4.8)
.110 (2.8)
.120 (3.0)
.016 (.4)
3
CDS5CC030D03
300
.250 ( 6.4)
.160 (4.1)
.090 (2.3)
.120 (3.0)
.016 (.4)
3
CD6CD030D03
500
.275 ( 7.0)
.175 (4.4)
.095 (2.4)
.172 (4.4)
.016 (.4)
3
CDS10CD030D03
500
.310 ( 7.9)
.260 (6.6)
.120 (3.0)
.141 (3.6)
.016 (.4)
3
CDS15CD030D03
500
.430 (10.9)
.280 (7.1)
.140 (3.6)
.234 (5.9)
.025 (.6)
4
CD5CC040D03
300
.270 ( 6.9)
.190 (4.8)
.110 (2.8)
.120 (3.0)
.016 (.4)
4
CDS5CC040D03
300
.250 ( 6.4)
.160 (4.1)
.090 (2.3)
.120 (3.0)
.016 (.4)
4
CD6CD040D03
500
.275 ( 7.0)
.175 (4.4)
.095 (2.4)
.172 (4.4)
.016 (.4)
4
CDS10CD040D03
500
.310 ( 7.9)
.260 (6.6)
.120 (3.0)
.141 (3.6)
.016 (.4)
4
CDS15CD040D03
500
.430 (10.9)
.280 (7.1)
.140 (3.6)
.234 (5.9)
.025 (.6)
5
CD5CC050D03
300
.270 ( 6.9)
.190 (4.8)
.110 (2.8)
.120 (3.0)
.016 (.4)
5
CDS5CC050D03
300
.250 ( 6.4)
.160 (4.1)
.090 (2.3)
.120 (3.0)
.016 (.4)
5
CD6CD050D03
500
.275 ( 7.0)
.175 (4.4)
.095 (2.4)
.172 (4.4)
.016 (.4)
5
CDS10CD050D03
500
.310 ( 7.9)
.260 (6.6)
.120 (3.0)
.141 (3.6)
.016 (.4)
5
CDS15CD050D03
500
.430 (10.9)
.280 (7.1)
.140 (3.6)
.234 (5.9)
.025 (.6)
6
CD5CC060D03
300
.270 ( 6.9)
.190 (4.8)
.110 (2.8)
.120 (3.0)
.016 (.4)
6
CDS5CC060D03
300
.250 ( 6.4)
.160 (4.1)
.090 (2.3)
.120 (3.0)
.016 (.4)
6
CD6CD060D03
500
.275 ( 7.0)
.175 (4.4)
.095 (2.4)
.172 (4.4)
.016 (.4)
6
CDS10CD060D03
500
.310 ( 7.9)
.260 (6.6)
.120 (3.0)
.141 (3.6)
.016 (.4)
6
CDS15CD060D03
500
.430 (10.9)
.280 (7.1)
.140 (3.6)
.234 (5.9)
.025 (.6)
7
CD5CC070D03
300
.270 ( 6.9)
.190 (4.8)
.110 (2.8)
.120 (3.0)
.016 (.4)
7
CDS5CC070D03
300
.250 ( 6.4)
.160 (4.1)
.090 (2.3)
.120 (3.0)
.016 (.4)
7
CD6CD070D03
500
.275 ( 7.0)
.175 (4.4)
.095 (2.4)
.172 (4.4)
.016 (.4)
7
CDS10CD070D03
500
.310 ( 7.9)
.260 (6.6)
.120 (3.0)
.141 (3.6)
.016 (.4)
7
CDS15CD070D03
500
.430 (10.9)
.280 (7.1)
.140 (3.6)
.234 (5.9)
.025 (.6)
8
CD5CC080D03
300
.270 ( 6.9)
.190 (4.8)
.110 (2.8)
.120 (3.0)
.016 (.4)
8
CDS5CC080D03
300
.250 ( 6.4)
.160 (4.1)
.090 (2.3)
.120 (3.0)
.016 (.4)
8
CD6CD080D03
500
.275 ( 7.0)
.175 (4.4)
.095 (2.4)
.172 (4.4)
.016 (.4)
8
CDS10CD080D03
500
.310 ( 7.9)
.260 (6.6)
.120 (3.0)
.141 (3.6)
.016 (.4)
8
CDS15CD080D03
500
.430 (10.9)
.280 (7.1)
.140 (3.6)
.234 (5.9)
.025 (.6)
9
CD5CC090D03
300
.270 ( 6.9)
.190 (4.8)
.110 (2.8)
.120 (3.0)
.016 (.4)
9
CDS5CC090D03
300
.250 ( 6.4)
.160 (4.1)
.090 (2.3)
.120 (3.0)
.016 (.4)
9
CD6CD090D03
500
.275 ( 7.0)
.175 (4.4)
.095 (2.4)
.172 (4.4)
.016 (.4)
9
CDS10CD090D03
500
.310 ( 7.9)
.260 (6.6)
.120 (3.0)
.141 (3.6)
.016 (.4)
9
CDS15CD090D03
500
.430 (10.9)
.280 (7.1)
.140 (3.6)
.234 (5.9)
.025 (.6)
Cap
Catalog
Volt
L
H
T
S
d
pF
Number
Rate
Inches (mm) Inches (mm) Inches (mm) Inches (mm) Inches (mm)
10
CD5CC100J03
300
.270 ( 6.9)
.190 (4.8)
.110 (2.8)
.120 (3.0)
.016 (.4)
10
CDS5CC100J03
300
.250 ( 6.4)
.160 (4.1)
.090 (2.3)
.120 (3.0)
.016 (.4)
10
CD6CD100D03
500
.275 ( 7.0)
.175 (4.4)
.095 (2.4)
.172 (4.4)
.016 (.4)
10
CDS10CD100J03
500
.310 ( 7.9)
.260 (6.6)
.120 (3.0)
.141 (3.6)
.016 (.4)
10
CDS15CD100J03
500
.430 (10.9)
.280 (7.1)
.140 (3.6)
.234 (5.9)
.025 (.6)
11
CD5CC110J03
300
.270 ( 6.9)
.190 (4.8)
.110 (2.8)
.120 (3.0)
.016 (.4)
11
CDS5CC110J03
300
.250 ( 6.4)
.160 (4.1)
.090 (2.3)
.120 (3.0)
.016 (.4)
11
CD6CD110D03
500
.275 ( 7.0)
.175 (4.4)
.095 (2.4)
.172 (4.4)
.016 (.4)
11
CDS10CD110J03
500
.310 ( 7.9)
.260 (6.6)
.120 (3.0)
.141 (3.6)
.016 (.4)
11
CDS15CD110J03
500
.430 (10.9)
.280 (7.1)
.140 (3.6)
.234 (5.9)
.025 (.6)
12
CD5CC120J03
300
.270 ( 6.9)
.190 (4.8)
.110 (2.8)
.120 (3.0)
.016 (.4)
12
CDS5CC120J03
300
.250 ( 6.4)
.160 (4.1)
.090 (2.3)
.120 (3.0)
.016 (.4)
12
CD6CD120J03
500
.275 ( 7.0)
.175 (4.4)
.095 (2.4)
.172 (4.4)
.016 (.4)
12
CDS10CD120J03
500
.310 ( 7.9)
.260 (6.6)
.120 (3.0)
.141 (3.6)
.016 (.4)
12
CDS15CD120J03
500
.430 (10.9)
.280 (7.1)
.140 (3.6)
.234 (5.9)
.025 (.6)
15
CD5CC150J03
300
.270 ( 6.9)
.190 (4.8)
.120 (3.0)
.120 (3.0)
.016 (.4)
15
CDS5CC150J03
300
.250 ( 6.4)
.170 (4.3)
.100 (2.5)
.120 (3.0)
.016 (.4)
15
CD6CD150J03
500
.275 ( 7.0)
.175 (4.4)
.095 (2.4)
.172 (4.4)
.016 (.4)
15
CDS10CD150J03
500
.310 ( 7.9)
.260 (6.6)
.120 (3.0)
.141 (3.6)
.016 (.4)
15
CDS15CD150J03
500
.430 (10.9)
.280 (7.1)
.140 (3.6)
.234 (5.9)
.025 (.6)
18
CD5CC180J03
300
.270 ( 6.9)
.200 (5.1)
.120 (3.0)
.120 (3.0)
.016 (.4)
18
CDS5CC180J03
300
.250 ( 6.4)
.170 (4.3)
.100 (2.5)
.120 (3.0)
.016 (.4)
18
CD6CD180J03
500
.275 ( 7.0)
.175 (4.4)
.095 (2.4)
.172 (4.4)
.016 (.4)
18
CDS10CD180J03
500
.310 ( 7.9)
.260 (6.6)
.120 (3.0)
.141 (3.6)
.016 (.4)
18
CDS15CD180J03
500
.430 (10.9)
.280 (7.1)
.140 (3.6)
.234 (5.9)
.025 (.6)
20
CD5EC200J03
300
.270 ( 6.9)
.200 (5.1)
.120 (3.0)
.120 (3.0)
.016 (.4)
20
CDS5EC200J03
300
.250 ( 6.4)
.170 (4.3)
.100 (2.5)
.120 (3.0)
.016 (.4)
20
CD6ED200J03
500
.275 ( 7.0)
.175 (4.4)
.095 (2.4)
.172 (4.4)
.016 (.4)
20
CDS10ED200J03
500
.310 ( 7.9)
.260 (6.6)
.120 (3.0)
.141 (3.6)
.016 (.4)
20
CDS15ED200J03
500
.430 (10.9)
.280 (7.1)
.140 (3.6)
.234 (5.9)
.025 (.6)
22
CD5EC220J03
300
.270 ( 6.9)
.200 (5.1)
.120 (3.0)
.120 (3.0)
.016 (.4)
22
CDS5EC220J03
300
.250 ( 6.4)
.170 (4.3)
.100 (2.5)
.120 (3.0)
.016 (.4)
22
CD6ED220J03
500
.275 ( 7.0)
.175 (4.4)
.095 (2.4)
.172 (4.4)
.016 (.4)
22
CDS10ED220J03
500
.310 ( 7.9)
.260 (6.6)
.120 (3.0)
.141 (3.6)
.016 (.4)
22
CDS15ED220J03
500
.430 (10.9)
.280 (7.1)
.140 (3.6)
.234 (5.9)
.025 (.6)
24
CD5EC240J03
300
.270 ( 6.9)
.200 (5.1)
.120 (3.0)
.120 (3.0)
.016 (.4)
24
CDS5EC240J03
300
.250 ( 6.4)
.170 (4.3)
.100 (2.5)
.120 (3.0)
.016 (.4)
24
CD6ED240J03
500
.275 ( 7.0)
.175 (4.4)
.095 (2.4)
.172 (4.4)
.016 (.4)
24
CDS10ED240J03
500
.310 ( 7.9)
.260 (6.6)
.120 (3.0)
.141 (3.6)
.016 (.4)
24
CDS15ED240J03
500
.430 (10.9)
.280 (7.1)
.140 (3.6)
.234 (5.9)
.025 (.6)
27
CD5EC270J03
300
.270 ( 6.9)
.200 (5.1)
.130 (3.3)
.120 (3.0)
.016 (.4)
27
CDS5EC270J03
300
.250 ( 6.4)
.170 (4.3)
.110 (2.8)
.120 (3.0)
.016 (.4)
27
CD6ED270J03
500
.275 ( 7.0)
.175 (4.4)
.095 (2.4)
.172 (4.4)
.016 (.4)
27
CDS10ED270J03
500
.310 ( 7.9)
.260 (6.6)
.120 (3.0)
.141 (3.6)
.016 (.4)
27
CDS15ED270J03
500
.430 (10.9)
.280 (7.1)
.140 (3.6)
.234 (5.9)
.025 (.6)
8942 4.001-4.038
3/31/2000 8:37 PM
Page 6


Número de pieza similar - CDS15CD150J03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CDS15CD150JO3F ETC2-CDS15CD150JO3F Datasheet
281Kb / 4P
   Reel packaging available
More results

Descripción similar - CDS15CD150J03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cornell Dubilier Electr...
CD10CD010DO3F CDE-CD10CD010DO3F Datasheet
292Kb / 6P
   Mica Capacitors, Standard Dipped
CD10 CDE-CD10 Datasheet
526Kb / 7P
   Mica Capacitors, Standard Dipped
logo
List of Unclassifed Man...
CD10 ETC1-CD10 Datasheet
67Kb / 4P
   Mica Capacitors, Standard Dipped
logo
Cornell Dubilier Electr...
CD10CD010D03F CDE-CD10CD010D03F Datasheet
816Kb / 4P
   Mica Capacitors Standard Dipped
CM05ED430JO3 CDE-CM05ED430JO3 Datasheet
209Kb / 1P
   Radial-Leaded Dipped Mica Capacitors
logo
Sharma Electro Componen...
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
   Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
   Mica Capacitors
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
   Mica Capacitors
DM15FD SHARMA-DM15FD Datasheet
640Kb / 18P
   MICA CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com